Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA835IDBVT Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA835IDBVT Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button OPA835IDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 26Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 27Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 28Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 29Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 30Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
FB1
FB2
FB3
FB4
9
8
6
7
2.4 k
1.8 k
600
800
1.25 pF
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
Integrated solutions are available, but the OPA835 provides a much lower power high frequency solution. For
best CMRR performance, resistors must be matched. A rule of thumb is CMRR
≈ the resistor tolerance; so 0.1%
tolerance will provide about 60 dB CMRR.
Gain Setting with OPA835 RUN Integrated Resistors
The OPA835 RUN package option includes integrated gain setting resistors for smallest possible footprint on a
printed circuit board (
≈ 2mm x 2mm). By adding circuit traces on the PCB, gains of +1, -1, -1.33, +2, +2.33, -3,
+4, -4, +5, -5.33, +6.33, -7, +8 and inverting attenuations of -0.1429, -0.1875, -0.25, -0.33, -0.75 can be
achieved.
Figure 60 shows a simplified view of how the OPA835IRUN integrated gain setting network is implemented.
Table 1 shows the required pin connections for various non-inverting and inverting gains (reference Figure 53
and Figure 54). Table 2 shows the required pin connections for various attenuations using the inverting amplifier
architecture (reference Figure 54). Due to ESD protection devices being used on all pins, the absolute maximum
and minimum input voltage range, VS– - 0.7V to VS+ + 0.7V, applies to the gain setting resistors, and so
attenuation of large input voltages will require external resistors to implement.
The gain setting resistors are laser trimmed to 1% tolerance with nominal values of 2.4 k
Ω, 1.8 kΩ, and 600 Ω.
They have excellent temperature coefficient and gain tracking is superior to using external gain setting resistors.
The 800
Ω and 1.25 pF capacitor in parallel with the 2.4 kΩ gain setting resistor provide compensation for best
stability and pulse response.
Figure 60. OPA835IRUN Gain Setting Network
Table 1. Gains Setting
Non-inverting Gain
Inverting Gain
Short Pins
Short Pins
Short Pins
Short Pins
(Figure 53)
(Figure 54)
1 V/V (0 dB)
-
1 to 9
-
2 V/V (6.02 dB)
-1 V/V (0 dB)
1 to 9
2 to 8
6 to GND
-
2.33 V/V (7.36 dB)
-1.33 V/V (2.5 dB)
1 to 9
2 to 8
7 to GND
-
4 V/V (12.04 dB)
-3 V/V (9.54 dB)
1 to 8
2 to 7
6 to GND
-
5 V/V (13.98 dB)
-4 V/V (12.04 dB)
1 to 9
2 to 7 or 8
7 to 8
6 to GND
6.33 V/V (16.03 dB)
-5.33 V/V (14.54 dB)
1 to 9
2 to 6 or 8
6 to 8
7 to GND
8 V/V (18.06 dB)
-7 V/V (16.90 dB)
1 to 9
2 to 7
6 to GND
-
Table 2. Attenuator Settings
Inverting Gain
Short Pins
Short Pins
Short Pins
Short Pins
(Figure 54)
-0.75 V/V (-2.5 dB)
1 to 7
2 to 8
9 to GND
-
-0.333 V/V (-9.54 dB)
1 to 6
2 to 7
8 to GND
-
-0.25 V/V (-12.04 dB)
1 to 6
2 to 7 or 8
7 to 8
9 to GND
-0.1875 V/V (-14.54 dB)
1 to 7
2 to 6 or 8
6 to 8
9 to GND
-0.1429 V/V (-16.90 dB)
1 to 6
2 to 7
9 to GND
-
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com