Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA835IDBVT Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA835IDBVT Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button OPA835IDBVT Datasheet HTML 33Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 34Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 35Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 36Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 37Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 38Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 39Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 40Page - National Semiconductor (TI) OPA835IDBVT Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
-140
-120
-100
-80
-60
-40
-20
0
0
20
40
60
80
100
120
f - Frequency - Hz
2.7V
ADS 8326
+In
-In
100
2.2 nF
2k
2 k
VIN
OPA835
VS-
2 k
4.02 k
4.02 k
2.5 V
5 V
VS+
VDD
REF
2.7 V
0 V
VSIG
1.35 V
VSIG
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
OPA835 and ADS8326 Combined Performance
To show achievable performance, the OPA835 is tested as the drive amplifier for the ADS8326. The ADS8326 is
a 16-bit, micro power, SAR ADC with pseudo-differential inputs and sample rates up to 250kSPS. It offers
excellent noise and distortion performance in a small 8-pin SOIC or VSSOP (MSOP) package. Low power and
small size make the ADS8326 and OPA835 an ideal solution for portable and battery-operated systems, for
remote data-acquisition modules, simultaneous multichannel systems, and isolated data acquisition.
The circuit shown in Figure 79 is used to test the performance, Figure 80 is the FFT plot with 10kHz input
frequency showing the spectral performance, and the tabulated AC analysis results are in Table 3.
Figure 79. OPA835 and ADS8326 Test Circuit
Figure 80. ADS8326 and OPA835 10kHz FFT
Table 3. AC Analysis
Tone (Hz)
Signal (dBFS)
SNR (dBc)
THD (dBc)
SINAD (dBc)
SFDR (dBc)
10k
–0.85
81.9
–87.5
80.8
89.9
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com