Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4012ID Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012ID
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012ID Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4012ID Datasheet HTML 9Page - National Semiconductor (TI) THS4012ID Datasheet HTML 10Page - National Semiconductor (TI) THS4012ID Datasheet HTML 11Page - National Semiconductor (TI) THS4012ID Datasheet HTML 12Page - National Semiconductor (TI) THS4012ID Datasheet HTML 13Page - National Semiconductor (TI) THS4012ID Datasheet HTML 14Page - National Semiconductor (TI) THS4012ID Datasheet HTML 15Page - National Semiconductor (TI) THS4012ID Datasheet HTML 16Page - National Semiconductor (TI) THS4012ID Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
_
+
RF
RS
RG
eRg
eRf
eRs
en
IN+
Noiseless
IN−
eni
eno
e
ni +
en
2
) IN )
R
S
2
) IN–
R
F ø
R
G
2
) 4 kTRs ) 4 kT RF ø RG
eno + eni AV + eni 1 )
R
F
R
G
(noninverting case)
NF
+ 10log
e
2
ni
e
Rs
2
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
Figure 25. Noise Model
The total equivalent input noise density (eni) is calculated by using the following equation:
Where:
k = Boltzmann's constant = 1.380658 × 10-23
T = Temperature in degrees Kelvin (273 + °C)
RF || RG = Parallel resistance of RF and RG
To get the equivalent output noise density of the amplifier, multiply the equivalent input noise density (eni) by the
overall amplifier gain (AV):
As the previous equations show, to keep noise at a minimum, small-value resistors should be used. As the
closed-loop gain is increased (by reducing RG), the input noise is reduced considerably because of the parallel
resistance term. This leads to the general conclusion that the most dominant noise sources are the source
resistor (RS) and the internal amplifier noise voltage (en). Because noise is summed in a root-mean-squares
method, noise sources smaller than 25% of the largest noise source can be effectively ignored. This can greatly
simplify the formula and make noise calculations much easier to calculate.
For more information on noise analysis, refer to the Noise Analysis section in the Operational Amplifier Circuits
Applications Report (SLVA043).
This brings up another noise measurement usually preferred in RF applications — the noise figure (NF). NF is a
measure of noise degradation caused by the amplifier. The value of the source resistance must be defined and is
typically 50
Ω in RF applications.
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, approximate NF as:
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com