Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4012ID Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012ID
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012ID Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button THS4012ID Datasheet HTML 10Page - National Semiconductor (TI) THS4012ID Datasheet HTML 11Page - National Semiconductor (TI) THS4012ID Datasheet HTML 12Page - National Semiconductor (TI) THS4012ID Datasheet HTML 13Page - National Semiconductor (TI) THS4012ID Datasheet HTML 14Page - National Semiconductor (TI) THS4012ID Datasheet HTML 15Page - National Semiconductor (TI) THS4012ID Datasheet HTML 16Page - National Semiconductor (TI) THS4012ID Datasheet HTML 17Page - National Semiconductor (TI) THS4012ID Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4 kTR
S
20
5
0
10
100
25
NOISEFIGURE
vs
SOURCERESISTANCE
30
1k
100k
15
10
Source Resistance − Ω
f=10kHz
TA =25°C
10k
+
_
THS401x
CLOAD
1.3kΩ
Input
Output
1.3kΩ
20 Ω
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
Figure 26 shows the NF graph for the THS401x.
Figure 26. Noise Figure vs Source Resistance
DRIVING A CAPACITIVE LOAD
Driving capacitive loads with high performance amplifiers is not a problem, as long as certain precautions are
taken. The first precaution is to note that the THS401x has been internally compensated to maximize its
bandwidth and slew-rate performance. When the amplifier is compensated in this manner, capacitive loading
directly on the output decreases the device phase margin leading to high-frequency ringing or oscillations.
Therefore, for capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with
the output of the amplifier, as shown in Figure 27. A minimum value of 20
Ω should work well for most
applications. For example, in 75-
Ω transmission systems, setting the series-resistor value to 75 Ω both isolates
any capacitance loading and provides the proper line-impedance matching at the source end.
Figure 27. Driving a Capacitive Load
14
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com