Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8401G-R16-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L8401G-R16-T
Description  FET BIAS CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8401G-R16-T Datasheet(HTML) 3 Page - Unisonic Technologies

  L8401G-R16-T Datasheet HTML 1Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 2Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 3Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 4Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L8401
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R123-018.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.6~8
V
Supply Current
ICC
100
mA
Maximum Drain Current
15
mA
Maximum CSUB Sink Current
-500
uA
Operating Temperature
TOPR
-40~80
°C
Storage Temperature
TSTG
-50~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VCC=3.3V, ID=10mA, RCAL1=8.2KΩ, RCAL2=8.2KΩ, TA=25°C, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
3.3
6
V
Supply Current
ICC
No FET
10
mA
Negative Voltage
VSUB
ISUB=0uA, VCC=6V
-3.0 -2.5
-1
V
ISUB=-200uA
-1
V
Oscillator Freq.
fO
200
350
800 KHz
Drain Current
ID
8
10
12
mA
Drain Current Change with VCC
∆IDV
VCC=3.3~6V
0.2
%/V
VD1/VD2(VD3/VD4) Drain Offset
Current
∆IDC
0.2
mA
Drain Current Change with Temp.
∆IDT
T=-40~80°C
0.1
%/°C
Drain Voltage
VD
ID=10mA
1.8
2
2.2
V
Drain Voltage Change with VCC
∆VDV
VCC=3.3~6V
0.5
%/V
Drain Voltage Change
∆VDT
T=-40~80°C
50
ppm
Dynamic Gate Voltage Range
VG
Csub without loading
-2.5
0.7
V
Drain Output Noise Voltage
Vdn
With drain bypass capacitor=10nF
0.05 VPP
Gate Output Noise Voltage
VGN
With gate bypass capacitor=10nF
0.03 VPP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com