Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8401G-R16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L8401G-R16-T
Description  FET BIAS CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8401G-R16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  L8401G-R16-T Datasheet HTML 1Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 2Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 3Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 4Page - Unisonic Technologies L8401G-R16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L8401
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R123-018.a
TYPICAL APPLICATION CIRCUIT
APPLICATIONS INFORMATION
It is application circuit of UTC L8401 in figure 2, the bias circuits is stable fully in -40°C ~80°C.
CNB and CSUB are used to generated the negative supply on pin CSUB (about -2.5V), which can be used to power
other external circuits, but it is low load current is noticeable.
C1 and C2 are used to suppress noise or RF interference in each stage of the IC or other external circuits in
application circiut system. Value of C1 and C2 could be used in 1nF to 100nF as design dependent.
RCAL1 and RCAL2 are used to set the drain current of FETs 1 & 2 and FETS 3 & 4. If the same drain current is
required for all FETs on UTC L8401, then the pin RCAL1 and RCAL2 can be connected to GND through only one res of
half normal value.
There are full protection for external FETs on chip: The gate output voltage is limitted in -2.5V~0.7V in any
conditions including powerup and powerdown transients; If the negative bias generator be shorted or overloaded, the
drain supply to FETs is shut down to avoid damage to the FETs by excessive drain current.
The fig.3 is typical applications of UTC L8401 in LNB.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com