Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4532 Datasheet HTML 1Page - National Semiconductor (TI) THS4532 Datasheet HTML 2Page - National Semiconductor (TI) THS4532 Datasheet HTML 3Page - National Semiconductor (TI) THS4532 Datasheet HTML 4Page - National Semiconductor (TI) THS4532 Datasheet HTML 5Page - National Semiconductor (TI) THS4532 Datasheet HTML 6Page - National Semiconductor (TI) THS4532 Datasheet HTML 7Page - National Semiconductor (TI) THS4532 Datasheet HTML 8Page - National Semiconductor (TI) THS4532 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)
TRANSPORT
SPECIFIED
CHANNEL
PACKAGE-
PACKAGE
PACKAGE
ORDERING
MEDIA,
PRODUCT
TEMPERATURE
COUNT
LEAD
DESIGNATOR
MARKING
NUMBER
RANGE
QUANTITY
2
THS4532
THS4532IPWT
Rails, 90
THS4532
TSSOP-16
PW
–40°C to +125°C
2
THS4532
THS4532IPWR
Tape and reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
VALUE
UNITS
MIN
MAX
Supply voltage, VS– to VS+
5.5
V
Input/output voltage, VIN±, VOUT±, and VOCM pins
(VS–) – 0.7
(VS+) + 0.7
V
Differential input voltage, VID
1
V
Continuous output current, IO
50
mA
Continuous input current, Ii
0.75
mA
Continuous power dissipation
See the Thermal Information
Maximum junction temperature, TJ
150
°C
Operating free-air temperature range, TA
–40
+125
°C
Storage temperature range, Tstg
–65
+150
°C
Electrostatic
Human body model (HBM)
2.5
kV
discharge (ESD)
Charge device model (CDM)
500
V
ratings:
THERMAL INFORMATION
TSSOP
(PW)
THERMAL METRIC (1)
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance
122.4
θJCtop
Junction-to-case (top) thermal resistance
61.2
θJB
Junction-to-board thermal resistance
66.7
°C/W
ψJT
Junction-to-top characterization parameter
14.4
ψJB
Junction-to-board characterization parameter
66.2
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com