Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4532 Datasheet HTML 17Page - National Semiconductor (TI) THS4532 Datasheet HTML 18Page - National Semiconductor (TI) THS4532 Datasheet HTML 19Page - National Semiconductor (TI) THS4532 Datasheet HTML 20Page - National Semiconductor (TI) THS4532 Datasheet HTML 21Page - National Semiconductor (TI) THS4532 Datasheet HTML 22Page - National Semiconductor (TI) THS4532 Datasheet HTML 23Page - National Semiconductor (TI) THS4532 Datasheet HTML 24Page - National Semiconductor (TI) THS4532 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
0
200
400
600
800
1000
1200
Input Offset Current (nA)
Ch 1
Ch 2
THS4532IPW
VS = 5 V, 25°C
G062
0
5
10
15
20
25
30
35
Input Offset Current Temperature Drift (pA/C)
0°C to +70°C
−40°C to +85°C
−40°C to +125°C
THS4532IPW
VS = 5 V
Both Channels
G063
1.8
2
2.2
2.4
2.6
2.8
3
3.2
0
100
200
300
400
500
600
700
800
900 1000
Time (ns)
0.2-V Step
1-V Step
G051
100
1k
10k
100k
100k
1M
10M
50M
Frequency (Hz)
VS = 5 V
G052
−80
−70
−60
−50
−40
−30
100k
1M
10M
30M
Frequency (Hz)
VS = 5 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
G049
−18
−15
−12
−9
−6
−3
0
3
100k
1M
10M
50M
Frequency (Hz)
VS = 5 V
G = 1 V/V
RF = 2 kΩ
VOUT = 100 mVpp
G050
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
TYPICAL CHARACTERISTICS: VS = 5V (continued)
Test conditions unless otherwise noted: VS+ = 5 V, VS– = 0V, VOCM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply, TA = 25°Cunless otherwise noted.
OUTPUT BALANCE ERROR
vs
FREQUENCY
VOCM SMALL-SIGNAL FREQUENCY RESPONSE
Figure 60.
Figure 61.
VOCM INPUT IMPEDANCE
vs
VOCM LARGE- and SMALL SIGNAL PULSE RESPONSE
FREQUENCY
Figure 62.
Figure 63.
INPUT OFFSET CURRENT
INPUT OFFSET CURRENT TEMP DRIFT
HISTOGRAM
HISTOGRAM
Figure 64.
Figure 65.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com