Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC997 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC997
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC997 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC997 Datasheet HTML 1Page - Digitron Semiconductors MAC997 Datasheet HTML 2Page - Digitron Semiconductors MAC997 Datasheet HTML 3Page - Digitron Semiconductors MAC997 Datasheet HTML 4Page - Digitron Semiconductors MAC997 Datasheet HTML 5Page - Digitron Semiconductors MAC997 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC997 SERIES
SILICON BIDIRECTIONAL THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TJ = -40 to +110°C, sine wave 50 to 60Hz, gate open)
MAC997A6, MAC997B6
MAC997A8, MAC997B8
VDRM
400
600
Volts
RMS on-state current (Full cycle sine wave 50 to 60Hz, TC = 50°C)
IT(RMS)
0.8
Amps
Peak non-repetitive surge current (1 cycle, sine wave, 60 Hz, TC = 110°C)
ITSM
8.0
Amps
Circuit fusing considerations (t = 8.3ms)
I2t
0.26
A2s
Peak gate voltage (t ≤ 2.0µs, TC = 80°C)
VGM
5.0
Volts
Peak gate power (t ≤ 2.0µs, TC = 80°C)
PGM
5.0
Watts
Average gate power (t ≤ 8.3ms, TC = 80°C)
PG(AV)
0.1
Watts
Peak gate current (t ≤ 2.0µs, TC = 80°C)
IGM
1.0
Amps
Operating junction temperature range
TJ
-40 to +110
°C
Storage temperature range
Tstg
-40 to +150
°C
Note 1: VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the
devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
75
°C/W
Thermal resistance, junction to ambient
R
ӨJA
200
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak blocking current
(VD = Rated VDRM, VRRM, gate open @ TJ = 25°C)
(VD = Rated VDRM, VRRM, gate open @ TJ = 110°C)
IDRM,
IRRM
-
-
-
-
10
100
µA
Peak on-state voltage
(ITM = ±0.85A peak, pulse width ≤ 2.0ms, duty cycle ≤ 2%)
VTM
-
-
1.9
Volts
Gate trigger current (continuous dc)
(VD = 12V, RL = 100Ω)
MAC997A6, MAC997A8
MT2(+),G(+)
(MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
MAC997B6, MAC997B8
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
IGT
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5.0
5.0
5.0
7.0
3.0
3.0
3.0
5.0
mA
Latching current
(VD = 12V, IG = 10mA)
All types
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
IL
-
-
-
-
1.6
10.5
1.5
2.5
15
20
15
15
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131


Similar Part No. - MAC997

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC997 ONSEMI-MAC997 Datasheet
185Kb / 12P
SENSITIVE GATE TRACS
May, 2000 ??Rev. 2
MAC997 ONSEMI-MAC997 Datasheet
147Kb / 11P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
MAC997A6 ONSEMI-MAC997A6 Datasheet
185Kb / 12P
SENSITIVE GATE TRACS
May, 2000 ??Rev. 2
MAC997A6 ONSEMI-MAC997A6 Datasheet
147Kb / 11P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
MAC997A6G ONSEMI-MAC997A6G Datasheet
152Kb / 11P
Silicon Bidirectional Thyristors
March, 2006??Rev. 3
More results

Similar Description - MAC997

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com