Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC997 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MAC997
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC997 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MAC997 Datasheet HTML 1Page - Digitron Semiconductors MAC997 Datasheet HTML 2Page - Digitron Semiconductors MAC997 Datasheet HTML 3Page - Digitron Semiconductors MAC997 Datasheet HTML 4Page - Digitron Semiconductors MAC997 Datasheet HTML 5Page - Digitron Semiconductors MAC997 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC997 SERIES
SILICON BIDIRECTIONAL THYRISTORS
Characteristic
Symbol
Min
Typ.
Max
Unit
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 100Ω)
All types
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+)
VGT
-
-
-
-
0.66
0.77
0.84
0.88
2.0
2.0
2.0
2.5
Volts
Gate non-trigger voltage
(VD = 12V, RL = 100Ω, TJ = 110°C)
All four quadrants
VGD
0.1
-
-
Volts
Holding current
(VD = 12V, initiating current = 200mA, gate open)
IH
-
1.5
10
mA
Turn-on time
(VD = Rated VDRM, ITM = 1.0A pk, IG = 25mA)
tgt
-
2.0
-
µs
Rate of change of commutating current
(VD = 400V, ITM = 0.84A, commutating dv/dt = 1.5V/µs, gate open, TJ = 110°C,
f = 250Hz, with snubber)
di/dt(c)
1.6
-
-
A/ms
Critical rate of rise of off-state voltage
(VD = Rated VDRM, exponential waveform, gate open, TJ = 110°C)
dv/dt
20
60
-
V/µs
Repetitive critical rate of rise of on-state current
(pulse width = 20µs, IPKmax = 15A, diG/dt = 1A/µs, f = 60Hz)
di/dt
-
-
10
A/µs
MECHANICAL CHARACTERISTIC
Case
TO-92
Marking
Alpha-numeric
Pin out
See below
TO-92
Inches
Millimeters
Min
Max
Min
Max
A
0.175
0.205
4.450
5.200
B
0.170
0.210
4.320
5.330
C
0.125
0.165
3.180
4.190
D
0.016
0.022
0.410
0.550
F
0.016
0.019
0.410
0.480
G
0.045
0.055
1.150
1.390
H
0.095
0.105
2.420
2.660
J
0.015
0.020
0.390
0.500
K
0.500
-
12.700
-
L
0.250
-
6.350
-
N
0.080
0.105
2.040
2.660
P
-
0.100
-
2.540
R
0.115
-
2.930
-
V
0.135
-
3.430
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com