Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1908790 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1908790
Description  Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908790 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1908790 Datasheet HTML 1Page - PHOENIX CONTACT 1908790 Datasheet HTML 2Page - PHOENIX CONTACT 1908790 Datasheet HTML 3Page - PHOENIX CONTACT 1908790 Datasheet HTML 4Page - PHOENIX CONTACT 1908790 Datasheet HTML 5Page - PHOENIX CONTACT 1908790 Datasheet HTML 6Page - PHOENIX CONTACT 1908790 Datasheet HTML 7Page - PHOENIX CONTACT 1908790 Datasheet HTML 8Page - PHOENIX CONTACT 1908790 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
https://www.phoenixcontact.com/us/products/1851070
12/29/13   Page 5 / 10
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Approvals
CCA 
 
 
mm²/AWG/kcmil
0.2-1.5
Nominal current IN
8 A
Nominal voltage UN
160 V
cULus Recognized 
Accessories
Accessories
Labeled terminal marker
Marker cards - SK 3,81/2,8:FORTL.ZAHLEN - 0804109
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - (99)100, Mounting
type: Adhesive, For terminal block width: 3.81 mm, Lettering field: 3.81 x 2.8 mm
 
 
Marker pen
Marker pen - B-STIFT - 1051993
Marker pen, for manual labeling of unprinted Zack strips, smear-proof and waterproof, line thickness 0.5 mm
 
 
Screwdriver tools
Screwdriver - SZS 0,4X2,5 VDE - 1205037
Screwdriver, slot-headed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com