Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1908790 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1908790
Description  Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908790 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1908790 Datasheet HTML 2Page - PHOENIX CONTACT 1908790 Datasheet HTML 3Page - PHOENIX CONTACT 1908790 Datasheet HTML 4Page - PHOENIX CONTACT 1908790 Datasheet HTML 5Page - PHOENIX CONTACT 1908790 Datasheet HTML 6Page - PHOENIX CONTACT 1908790 Datasheet HTML 7Page - PHOENIX CONTACT 1908790 Datasheet HTML 8Page - PHOENIX CONTACT 1908790 Datasheet HTML 9Page - PHOENIX CONTACT 1908790 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
https://www.phoenixcontact.com/us/products/1851070
12/29/13   Page 6 / 10
Printed-circuit board connector - FK-MCP 1,5/ 5-ST-3,81 - 1851070
Accessories
Terminal marking
Marker cards - SK U/2,8 WH:UNBEDRUCKT - 0803883
Marker cards, Sheet, white, Unlabeled, Can be labeled with: Plotter, Office printing systems, Mounting type: Adhesive,
Lettering field: 186 x 2.8 mm
 
 
Additional products
Base strip - MCO 1,5/ 5-GL-3,81 - 1861756
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm, Color: green, Contact
surface: Tin, Assembly: Soldering
 
 
Base strip - MCO 1,5/ 5-GR-3,81 - 1861675
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm, Color: green, Contact
surface: Tin, Assembly: Soldering
 
 
Base strip - MCDV 1,5/ 5-G1-3,81 - 1847754
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm, Color: green, Contact
surface: Tin, Assembly: Soldering, In combination with MCV plug components, both an MCVW and an MCVR plug must
be used.
 
 
Base strip - MCDV 1,5/ 5-G-3,81 - 1830431
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm, Color: green, Contact
surface: Tin, Assembly: Soldering, In combination with MCV plug components, both an MCVW and an MCVR plug must
be used.
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com