Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502IDR Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4502IDR
Description  Wideband, Low-Distortion Fully Differential Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4502IDR Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4502IDR Datasheet HTML 17Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 18Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 19Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 20Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 21Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 22Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 23Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 24Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
THS4502
THS4503
www.ti.com
SLOS352E
– APRIL 2002 – REVISED OCTOBER 2011
APPLICATION INFORMATION
10V, RL = 800 Ω differential, and the quiescent
current = 32mA (the maximum over 0
°C to 70°C
MAXIMUM DIE TEMPERATURE TO PREVENT
temperature range). The last entry for each package
OSCILLATION
option lists the worst case where the output voltage is
The THS4502 and THS4503 may have low level
5V DC.
oscillation when the die temperature (also called
junction temperature) exceeds +60
°C and is not
Table 1. Estimated Maximum Ambient
recommended
for
new
designs
where
the
die
Temperature Per Package Option
temperature is expected to exceed +60
°C.
PACKAGE/DEVICE
Vout
ΘJA
TA MAX
The oscillation is due to internal design and external
SOIC
0V
28.8
°C
configuration is not expected to mitigate or reduce the
2 Vpp
28.0
°C
problem. This problem is random due to normal
4 Vpp
27.3
°C
THS4502D
process variations and normal testing cannot identify
97.5
°C/W
THS4503D
6 Vpp
26.8
°C
problem units.
8 Vpp
26.3
°C
The THS4500 and THS4501 are recommended
Worst Case =
>
5 DC
25.8
°C
replacement devices.
PWR Pad MSOP
0V
41.3
°C
The
die
temperature
depends
on
the
power
2 Vpp
40.8
°C
dissipation and the thermal resistance of the device
4 Vpp
40.4
°C
and can be approximated with the following formula:
THS4502DGN
58.4
°C/W
THS4503DGN
6 Vpp
40.1
°C
Die Temperature = PDISS × θJA + TA
8 Vpp
39.8
°C
Where:
Worst Case =
>
5 DC
39.5
°C
PDISS ≈ (VS (TOTAL) × IQ) + (VS+ – VOUT) × IOUT
MSOP
0V
-23.2
°C
Table 1 shows the estimated maximum ambient
2 Vpp
-25.3
°C
temperature (TA max) in °C for each package option
4 Vpp
-27.1
°C
THS4502DGK
of the THS4502 and THS4503 using the thermal
260
°C/W
THS4503DGK
6 Vpp
-28.6
°C
dissipation
rating
given
in
the
PACKAGE
DISSIPATION RATINGS table for a JEDEC standard
8 Vpp
-29.8
°C
High-K test PCB. For each case shown, VS (TOTAL) =
Worst Case =
>
5 DC
-31.3
°C
•
Choosing the Proper Value for the Feedback and
Gain Resistors
FULLY DIFFERENTIAL AMPLIFIERS
•
Application
Circuits
Using
Fully
Differential
Differential signaling offers a number of performance
Amplifiers
advantages in high-speed analog signal processing
•
Key Design Considerations for Interfacing to an
systems,
including
immunity
to
external
Analog-to-Digital Converter
common-mode noise, suppression of even-order
nonlinearities, and increased dynamic range. Fully
•
Setting the Output Common-Mode Voltage With
differential amplifiers not only serve as the primary
the VOCM Input
means of providing gain to a differential signal chain,
•
Saving Power With Power-Down Functionality
but also provide a monolithic solution for converting
•
Linearity:
Definitions,
Terminology,
Circuit
single-ended
signals
into
differential
signals
for
Techniques, and Design Tradeoffs
easier, higher performance processing. The THS4500
•
An
Abbreviated
Analysis
of
Noise
in
Fully
family of amplifiers contains products in Texas
Differential Amplifiers
Instruments' expanding line of high-performance fully
•
Printed-Circuit
Board
Layout
Techniques
for
differential amplifiers. Information on fully differential
Optimal Performance
amplifier fundamentals, as well as implementation
specific information, is presented in the applications
•
Power Dissipation and Thermal Considerations
section of this data sheet to provide a better
•
Power
Supply
Decoupling
Techniques
and
understanding of the operation of the THS4500 family
Recommendations
of devices, and to simplify the design process for
•
Evaluation
Fixtures,
Spice
Models,
and
designs using these amplifiers.
Applications Support
•
Additional Reference Material
Applications Section
•
Fully Differential Amplifier Terminal Functions
•
Input Common-Mode Voltage Range and the
THS4500 Family
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS4502 THS4503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com