Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502IDR Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4502IDR
Description  Wideband, Low-Distortion Fully Differential Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4502IDR Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4502IDR Datasheet HTML 9Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 10Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 11Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 12Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 13Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 14Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 15Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 16Page - National Semiconductor (TI) THS4502IDR Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
t - Time -
µs
0
-1
-4
0
0.1 0.2 0.3 0.4 0.5 0.6
1
2
OVERDRIVE RECOVERY
4
0.7 0.8 0.9
1
3
-3
-5
-2
5
0
-0.5
-2
0.5
1
2
1.5
-1.5
-2.5
-1
2.5
Gain = 4
RL = 800 Ω
Rf = 499 Ω
Overdrive = 4.5 V
VS = ±5 V
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-100
0
100
200
300
400
500
t - Time - ns
SMALL-SIGNAL TRANSIENT RESPONSE
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V
-6
-4
-2
0
2
4
6
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
-3
-2
-1
0
1
2
3
t - Time -
µs
OVERDRIVE RECOVERY
Gain = 4
RL = 800 Ω
Rf = 499 Ω
Overdrive = 5.5 V
VS = ±5 V
-10
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
REJECTION RATIOS
vs
FREQUENCY
f - Frequency - MHz
PSRR+
PSRR-
CMMR
RL = 800 Ω
VS = ±5 V
0
10
20
30
40
50
60
70
80
90
100
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
REJECTION RATIOS
vs
CASE TEMPERATURE
Case Temperature -
°C
PSRR+
PSRR-
CMMR
RL = 800 Ω
VS = ±5 V
1
10
100
0.01
0.1
1
10
100
Vn
In
f - Frequency - kHz
VOLTAGE AND CURRENT NOISE
vs
FREQUENCY
1000
10 k
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
OUTPUT BALANCE ERROR
vs
FREQUENCY
f - Frequency - MHz
PIN = -20 dBm
RL = 800 Ω
Rf = 499 Ω
VS = ±5 V
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
-150
-120
-90
-60
-30
0
30
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
f - Frequency - MHz
PIN = -30 dBm
RL = 800 Ω
Rf = 100 kΩ
VS = ±5 V
Gain
Phase
48
49
50
51
52
53
54
55
56
57
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
OPEN-LOOP GAIN
vs
CASE TEMPERATURE
Case Temperature -
°C
RL = 800 Ω
VS = ±5 V
THS4502
THS4503
www.ti.com
SLOS352E
– APRIL 2002 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (
±5 V Graphs) (continued)
Figure 28.
Figure 29.
Figure 30.
Figure 31.
Figure 32.
Figure 33.
Figure 34.
Figure 35.
Figure 36.
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4502 THS4503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com