Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7530PWPR Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS7530PWPR Datasheet(HTML) 3 Page - National Semiconductor (TI)

  THS7530PWPR Datasheet HTML 1Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 2Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 3Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 4Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 5Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 6Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 7Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 8Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
THS7530
www.ti.com
SLOS405C – DECEMBER 2002 – REVISED FEBRUARY 2010
SPECIFICATIONS: MAIN AMPLIFIER
VS+ = 5 V, VS- = 0 V, VOCM = 2.5 V, VICM = 2.5 V, VG- = 0 V, VG+ = 1 V (maximum gain), TA = 25°C, ac performance measured
using the ac test circuit shown in Figure 1 (unless otherwise noted). DC performance is measured using the dc test circuit
shown in Figure 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
-40°C to
MIN/
+25°C
+25°C
UNITS
+85°C
MAX
AC PERFORMANCE (See Figure 1)
Small-signal bandwidth
All gains, PIN = –45 dBm
300
MHz
Typ
1-VPP Step, 25% to 75%, minimum
Slew rate(1)
1250
V/µs
Typ
gain
Settling time to 1% (1)
1-VPP Step, minimum gain
11
ns
Typ
Harmonic distortion
VO(PP) = 1 V, RL(diff)= 400 Ω
2nd Harmonic
f = 32 MHz
–65
dBc
Typ
3rd Harmonic
f = 32 MHz
–61
dBc
Typ
PO = –10 dBm each tone,
Third-order intermodulation distortion
–62
dBc
Typ
fC= 70 MHz, 200-kHz tone spacing
Third-order output intercept point
fC= 70 MHz, 200-kHz tone spacing
21
dBm
Typ
Noise figure (with input termination)
Source impedance: 50
Ω
9
dB
Typ
Total input voltage noise
f > 100 kHz
1.1
nV/
√Hz
Typ
DC PERFORMANCE—INPUTS (See Figure 2)
Input bias current
20
39
40
µA
Max
Input bias current offset
<150
pA
Typ
Minimum input voltage
Minimum gain
1.5
1.6
1.7
V
Max
Maximum input voltage
Minimum gain
3.5
3.35
3.2
V
Min
Common-mode rejection ratio
114
56
44
dB
Min
Differential input impedance
8.5 || 3.0
k
Ω || pF
Typ
DC PERFORMANCE—OUTPUTS (See Figure 2)
Output offset voltage
All gains
±100
±340
±480
mV
Max
Maximum output voltage high
3.5
3.275
3.25
V
Min
Minimum output voltage low
1.5
1.7
1.8
V
Max
Output current
±37
±16
±16
mA
Min
Output impedance
15
Ω
Typ
OUTPUT COMMON-MODE VOLTAGE CONTROL (See Figure 2)
Small-signal bandwidth
32
MHz
Typ
Gain
1.00
V/V
Typ
Common-mode offset voltage
4.5
12
13.8
mV
Max
Minimum input voltage
1.75
V
Typ
Maximum input voltage
3.25
V
Typ
Input impedance
25 || 1
k
Ω || pF
Typ
Default voltage, with no connect
2.5
V
Typ
Input bias current
<1
µA
Typ
(1)
Slew rate and settling time measured at amplifier output.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com