Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7530PWPR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS7530PWPR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS7530PWPR Datasheet HTML 7Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 8Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 9Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 10Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 11Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 12Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 13Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 14Page - National Semiconductor (TI) THS7530PWPR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
0.1 F
m
33pF
0.1 F
m
0.1 F
m
6.8 F
m
33pF
1kW
1kW
24.9 W
24.9 W
THS7530
V
OUT
V
IN
V
S-
V
G-
V
CL-
V
CL+
V
OCM
V
G+
V
S+ =5V
PD
1:1
1:1
50 W
0.1 F
m
0.1 F
m
33pF
0.1 F
m
0.1 F
m
0.1 F
m
6.8 F
m
0.1 F
m
33pF
1kW
1kW
24.9 W
49.9 W
49.9 W
24.9 W
THS7530
V
OUT+
V
OUT-
V
IN
V
S-
V
G-
V
CL-
V
CL+
V
OCM
V
G+
V
S+ =5V
PD
0.1 F
m
0.1 F
m
0.1 F
m
33pF
0.1 F
m
0.1 F
m
0.1 F
m
6.8 F
m
0.1 F
m
33pF
1kW
1kW
24.9 W
24.9 W
24.9 W
24.9 W
THS7530
V
OUT+
V
IN-
V
OUT-
V
IN+
V
S-
V
G-
V
CL-
V
CL+
V
OCM
V
G+
V
S+ =5V
PD
THS7530
www.ti.com
SLOS405C – DECEMBER 2002 – REVISED FEBRUARY 2010
APPLICATION INFORMATION
The THS7530 is designed for nominal 5-V power
Figure 20 through Figure 24 show some basic circuit
supply from VS+ to VS–.
configurations.
The amplifier has fully differential inputs, VIN+ and
VIN–, and fully differential outputs, VOUT+ and VOUT–
The inputs are high impedance and outputs are low
impedance. External resistors are recommended for
impedance matching and termination purposes.
The inputs and outputs can be dc-coupled, but for
best
performance,
the
input
and
output
common-mode voltage should be maintained at the
midpoint between the two supply pins. The output
common-mode voltage is controlled by the voltage
applied to VOCM. Left unterminated, VOCM is set to
midsupply by internal resistors. A 0.1-µF bypass
Figure 20. EVM Schematic: Designed for Use
capacitor should be placed between VOCM and
with Typical 50-
Ω RF Test Equipment
ground to reduce common-mode noise. The input
common-mode voltage defaults to midrail when left
unconnected.
For
voltages
other
than
midrail,
VOCMmust be biased by external means. VIN+ and
VIN– both require a nominal 30-µA bias current for
proper operation. Therefore, ensure equal input
impedance at each input to avoid generating an offset
voltage that varies with gain.
Voltage applied from VG– to VG+ controls the gain of
the part with 38.8-dB/V gain slope. The input can be
differential or single ended. VG– must be maintained
within –0.6 V and +0.8 V of VS–for proper operation.
The negative gain input should typically be tied
Figure 21. AC-Coupled Single-Ended Input with
directly to the negative power supply.
AC-Coupled Differential Output
VCL+ and VCL– are inputs that limit the output voltage
swing of the amplifier. The voltages applied set an
absolute limit on the voltages at the output. Input
voltages at VCL+ and VCL– clamp the output, ensuring
that neither output exceeds those values.
The power-down input is a TTL compatible input,
referenced to the negative supply voltage. A logic low
puts
the
THS7530
in
power-saving
mode.
In
power-down mode the part consumes less than 1-mA
current, the output goes high impedance, and a high
amount of isolation is maintained between the input
and output.
Figure 22. AC-Coupled Differential Input with
Power-supply bypass capacitors are required for
AC-Coupled Differential Output
proper operation. A 6.8-µF tantalum bulk capacitor is
recommended if the amplifier is located far from the
power supply and may be shared among other
devices. A ceramic 0.1-µF capacitor is recommended
within 0.1-in of the device power pin. The ceramic
capacitors should be located on the same layer as
the amplifier to eliminate the use of vias between the
capacitors and the power pin.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS7530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com