Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS1052G Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS1052G
Description  SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1052G Datasheet(HTML) 3 Page - International Rectifier

  AUIPS1052G Datasheet HTML 1Page - International Rectifier AUIPS1052G Datasheet HTML 2Page - International Rectifier AUIPS1052G Datasheet HTML 3Page - International Rectifier AUIPS1052G Datasheet HTML 4Page - International Rectifier AUIPS1052G Datasheet HTML 5Page - International Rectifier AUIPS1052G Datasheet HTML 6Page - International Rectifier AUIPS1052G Datasheet HTML 7Page - International Rectifier AUIPS1052G Datasheet HTML 8Page - International Rectifier AUIPS1052G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AUIPS1051L / AUIPS1052G
3
www.irf.com
© 2013 International Rectifier
June 3, 2013
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (Tj= -40°C..150°C,
Vcc=6..36V unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vds
Maximum drain to source voltage
-0.3
36
V
Vds cont.
Maximum continuous drain to source voltage
-
28
V
Vin
Maximum input voltage
-0.3
6
V
Isd cont.
Max diode continuous current (limited by thermal dissipation)
1.3
A
Pd
Maximum power dissipation (internally limited by thermal protection)
W
Rth=60°C/W AUIPS1051L 1” sqrt. Footprint
2
Rth=100°C/W AUIPS1052G std. footprint
1.25
Tj max.
Maximum operating junction temperature
-40
150
°C
Maximum storage temperature
-55
150
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient AUIPS1051L SOT-223 std. footprint
100
°C/W
Rth2
Thermal resistance junction to ambient AUIPS1051L SOT-223 1” sqrt.
Footprint
60
Rth1
Thermal resistance junction to ambient AUIPS1052G SO-8 std. Footprint
100
1 die active
Rth1
Thermal resistance junction to ambient AUIPS1052G SO-8 std. footprint
130
2 die active
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4.5
5.5
V
VIL
Low level input voltage
0
0.5
Ids
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
1.4
A
Rth=60°C/W AUIPS1051L 1” sqrt. Footprint
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
1.1
A
Rth=100°C/W AUIPS1052G 1” sqrt. Footprint - 1 die active
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
0.5
A
Rth=130°C/W AUIPS1052G 1” sqrt. Footprint - 2 die active
Rin
Recommended resistor in series with IN pin to generate a diagnostic
0.5
10
kΩ
Max L
Max. recommended load inductance ( including line inductance )(1)
30
µH
Max. F
Max. frequency
10
kHz
Max. t rise
Max. input rise time
1
µs
(1) Higher inductance is possible if maximum load current is limited - see figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com