Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS1052G Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS1052G
Description  SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1052G Datasheet(HTML) 1 Page - International Rectifier

  AUIPS1052G Datasheet HTML 1Page - International Rectifier AUIPS1052G Datasheet HTML 2Page - International Rectifier AUIPS1052G Datasheet HTML 3Page - International Rectifier AUIPS1052G Datasheet HTML 4Page - International Rectifier AUIPS1052G Datasheet HTML 5Page - International Rectifier AUIPS1052G Datasheet HTML 6Page - International Rectifier AUIPS1052G Datasheet HTML 7Page - International Rectifier AUIPS1052G Datasheet HTML 8Page - International Rectifier AUIPS1052G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Automotive Grade
AUIPS1051L / AUIPS1052G
1
www.irf.com
© 2013 International Rectifier
June 3, 2013
SINGLE/DUAL CHANNEL
INTELLIGENT POWER LOW SIDE SWITCH
Features
•
Over temperature shutdown
•
Over current shutdown
•
Active clamp
•
Low current & logic level input
•
ESD protection
•
Optimized Turn On/Off for EMI
•
Diagnostic on the input current
•
Lead free and RoHS compliant
Description
The AUS1051L and AUIPS1052G are Intelligent Power
Switches (IPS) featuring low side MOSFETs with over-
current, over-temperature, ESD protection and drain to
source active clamp. The AUIPS1052G is a dual channel
device while the AUIPS1051 is a single channel. These
devices offer protections and the high reliability required in
harsh
environments.
Each switch
provides
efficient
protection by turning OFF the power MOSFET when the
temperature exceeds 165°C or when the drain current
reaches 3A. The device restarts once the input is cycled.
A serial resistance connected to the input provides the
diagnostic.
The
avalanche
capability
is
significantly
enhanced by the active clamp and covers most inductive
load demagnetizations.
Product Summary
Rds(on)
250mΩ (max.)
Vclamp
39V
Ishutdown
2.8A (typ.)
Packages
SOT-223
SO-8
AUIPS1051L
AUIPS1052G
Typical Connection
S
Control
IN
Input R
D
Load
+Bat
Input Signal
V Diag
2-4 (AUIPS1052G)
1
(AUIPS1051L)
5-6-7-8 (AUIPS1052G)
2
(AUIPS1051L)
1-3 (AUIPS1052G)
3
(AUIPS1051L)


Similar Part No. - AUIPS1052G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS1051 IRF-AUIPS1051 Datasheet
460Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1051 IRF-AUIPS1051_15 Datasheet
460Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - AUIPS1052G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9377 STMICROELECTRONICS-L9377 Datasheet
69Kb / 9P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jul-2000
L9386MD STMICROELECTRONICS-L9386MD Datasheet
97Kb / 10P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jan-1995
logo
International Rectifier
IPS1041PBF IRF-IPS1041PBF Datasheet
565Kb / 14P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1051LPBF IRF-IPS1051LPBF Datasheet
448Kb / 12P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9386 STMICROELECTRONICS-L9386_08 Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
IPS1041LRPBF IRF-IPS1041LRPBF Datasheet
627Kb / 15P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1042G IRF-AUIPS1042G Datasheet
893Kb / 18P
SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com