Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10CWM
Description  LM10 Operational Amplifier and Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10CWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM10CWM Datasheet HTML 1Page - National Semiconductor (TI) LM10CWM Datasheet HTML 2Page - National Semiconductor (TI) LM10CWM Datasheet HTML 3Page - National Semiconductor (TI) LM10CWM Datasheet HTML 4Page - National Semiconductor (TI) LM10CWM Datasheet HTML 5Page - National Semiconductor (TI) LM10CWM Datasheet HTML 6Page - National Semiconductor (TI) LM10CWM Datasheet HTML 7Page - National Semiconductor (TI) LM10CWM Datasheet HTML 8Page - National Semiconductor (TI) LM10CWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM10
www.ti.com
SNOSBH4D – MAY 1998 – REVISED MARCH 2013
Operating Ratings
Package Thermal Resistance
θJA
NEV Package
150°C/W
P Package
87°C/W
NPA Package
90°C/W
θJC
NEV Package
45°C/W
Electrical Characteristics
TJ=25°C, TMIN≤TJ≤TMAX (Boldface type refers to limits over temperature range)
(1)
Parameter
Conditions
LM10/LM10B
LM10C
Units
Min
Typ
Max
Min
Typ
Max
Input offset voltage
0.3
2.0
0.5
4.0
mV
3.0
5.0
mV
Input offset current(2)
0.25
0.7
0.4
2.0
nA
1.5
3.0
nA
Input bias current
10
20
12
30
nA
30
40
nA
Input resistance
250
500
150
400
k
Ω
150
115
k
Ω
Large signal voltage
VS=±20V, IOUT=0
120
400
80
400
V/mV
gain
VOUT=±19.95V
80
50
V/mV
VS=±20V, VOUT=±19.4V
50
130
25
130
V/mV
IOUT=±20 mA (±15 mA)
20
15
V/mV
VS=±0.6V (0.65V), IOUT=±2 mA
1.5
3.0
1.0
3.0
V/mV
VOUT=±0.4V (±0.3V), VCM=−0.4V
0.5
0.75
V/mV
Shunt gain(3)
1.2V (1.3V)
≤VOUT≤40V,
14
33
10
33
V/mV
RL=1.1 kΩ
0.1 mA
≤IOUT≤5 mA
6
6
V/mV
1.5V
≤V+≤40V, RL=250Ω
8
25
6
25
V/mV
0.1 mA
≤IOUT≤20 mA
4
4
V/mV
Common-mode
−20V≤VCM≤19.15V (19V)
93
102
90
102
dB
rejection
VS=±20V
87
87
dB
Supply-voltage
−0.2V≥V≥−39V
90
96
87
96
dB
rejection
V+=1.0V (1.1V)
84
84
dB
1.0V (1.1V)
≤V+≤39.8V
96
106
93
106
dB
V=
−0.2V
90
90
dB
Offset voltage drift
2.0
5.0
μV/°C
Offset current drift
2.0
5.0
pA/°C
Bias current drift
TC<100°C
60
90
pA/°C
Line regulation
1.2V (1.3V)
≤VS≤40V
0.001
0.003
0.001
0.008
%/V
0
≤IREF≤1.0 mA, VREF=200 mV
0.006
0.01
%/V
(1)
These specifications apply for V
≤VCM≤V
+−0.85V (1.0V), 1.2V (1.3V) <V
S≤VMAX, VREF=0.2V and 0≤IREF≤1.0 mA, unless otherwise
specified: VMAX=40V for the standard part and 6.5V for the low voltage part. Normal typeface indicates 25°C limits. Boldface type
indicates limits and altered test conditions for full-temperature-range operation; this is
−55°C to 125°C for the LM10, −25°C to
85°C for the LM10B(L) and 0°C to 70°C for the LM10C(L). The specifications do not include the effects of thermal gradients (
τ1≃20 ms),
die heating (
τ2≃0.2s) or package heating. Gradient effects are small and tend to offset the electrical error (see curves).
(2)
For TJ>90°C, IOS may exceed 1.5 nA for VCM=V
. With T
J=125°C and V
≤V
CM≤V
+0.1V, I
OS≤5 nA.
(3)
This defines operation in floating applications such as the bootstrapped regulator or two-wire transmitter. Output is connected to the V+
terminal of the IC and input common mode is referred to V(see Typical Applications). Effect of larger output-voltage swings with higher
load resistance can be accounted for by adding the positive-supply rejection error.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com