Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10CWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM10CWM
Description  LM10 Operational Amplifier and Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM10CWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM10CWM Datasheet HTML 1Page - National Semiconductor (TI) LM10CWM Datasheet HTML 2Page - National Semiconductor (TI) LM10CWM Datasheet HTML 3Page - National Semiconductor (TI) LM10CWM Datasheet HTML 4Page - National Semiconductor (TI) LM10CWM Datasheet HTML 5Page - National Semiconductor (TI) LM10CWM Datasheet HTML 6Page - National Semiconductor (TI) LM10CWM Datasheet HTML 7Page - National Semiconductor (TI) LM10CWM Datasheet HTML 8Page - National Semiconductor (TI) LM10CWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LM10
www.ti.com
SNOSBH4D – MAY 1998 – REVISED MARCH 2013
LM10 Operational Amplifier and Voltage Reference
Check for Samples: LM10
1
FEATURES
DESCRIPTION
The LM10 series are monolithic linear ICs consisting
2
•
Input Offset Voltage: 2 mV (max)
of a precision reference, an adjustable reference
•
Input Offset Current: 0.7 nA (max)
buffer and an independent, high quality op amp.
•
Input Bias Current: 20 nA (max)
The unit can operate from a total supply voltage as
•
Reference Regulation: 0.1% (max)
low as 1.1V or as high as 40V, drawing only 270
μA.
•
Offset Voltage Drift: 2
μV/°C
A complementary output stage swings within 15 mV
of the supply terminals or will deliver ±20 mA output
•
Reference Drift: 0.002%/°C
current with ±0.4V saturation. Reference output can
be as low as 200 mV.
The circuit is recommended for portable equipment
and is completely specified for operation from a
single power cell. In contrast, high output-drive
capability, both voltage and current, along with
thermal overload protection, suggest it in demanding
general-purpose applications.
The device is capable of operating in a floating mode,
independent of fixed supplies. It can function as a
remote comparator, signal conditioner, SCR controller
or transmitter for analog signals, delivering the
processed signal on the same line used to supply
power. It is also suited for operation in a wide range
of voltage- and current-regulator applications, from
low voltages to several hundred volts, providing
greater precision than existing ICs.
This series is available in the three standard
temperature ranges, with the commercial part having
relaxed limits. In addition, a low-voltage specification
(suffix “L”) is available in the limited temperature
ranges at a cost savings.
Connection and Functional Diagrams
Figure 1. TO Package (NEV)
Figure 2. SOIC Package (NPA)
See Package Number NEV0008A
See Package Number NPA0014B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM10CWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10CWM NSC-LM10CWM Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
LM10CWM NSC-LM10CWM Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10CWM TI-LM10CWM Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
LM10CWM TI1-LM10CWM Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM10CWM/NOPB TI1-LM10CWM/NOPB Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
More results

Similar Description - LM10CWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
Triple Operational Amplifier and Voltage Reference
01-Dec-2004
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
Operational Amplifier and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com