Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUSB-MB5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # UUSB-MB5
Description  USB to Serial UART Bridge Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UUSB-MB5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  UUSB-MB5 Datasheet HTML 1Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 2Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 3Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 4Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 5Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4D SYSTEMS
μUSB-MB5
© 2012 4D SYSTEMS
Page 3 of 6
www.4dsystems.com.au
1. Description
The microUSB Bridge (μUSB-MB5) is a USB to RS-
232 bridge converter which is simple, cost
effective, very small and easy to use.
It uses a mini-B type USB connector to connect to
your PC and is based on the CP2102 Bridge from
Silicon Labs.
It provides the user with multi baud rate serial
data and access to flow control signals in a
convenient 10 pin 2.54mm (0.1”) pitch Dual-In-
Line package.
The μUSB-MB5 is ideal for prototype or
production.
2. Features
• USB 2.0 compliant Full Speed 12Mbps
maximum speed, Suspend supported.
• Hardware or Xon/Xoff handshaking supported,
300bps to 1Mbps.
• UART supports 5-8 bit data, 1-2 Stop bits,
odd/even and no parity
• Integrated EEPROM for Vendor ID, product ID,
serial number, release number
• On-chip 3.3V regulator available
• Power on reset circuit
• Virtual COM port drivers allow operation with
existing COM port PC applications
• Supports Windows, MAC (OSX-9 and above)
and Linux (2.4 kernel and above)
• Self-powered or USB powered
• -40 to +85 degrees Celsius temp range
• Small size, 15.4mm x 17.7mm
• Traffic/Operation LED indicates board status
• RoHS Compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com