Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUSB-MB5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UUSB-MB5
Description  USB to Serial UART Bridge Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UUSB-MB5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UUSB-MB5 Datasheet HTML 1Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 2Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 3Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 4Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 5Page - List of Unclassifed Manufacturers UUSB-MB5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4D SYSTEMS
μUSB-MB5
© 2012 4D SYSTEMS
Page 4 of 6
www.4dsystems.com.au
3. Pin Configuration and Summary
microUSB (μUSB-MB5) Pin Outs
Pin
Symbol
Description
1
DTR
Data Terminal Ready Output (active low)
2
TX
Serial Data Output (μUSB Transmit)
3
RX
Serial Data Input (μUSB Receive)
4
RTS
Ready to Send Output (active low)
5
CTS
Clear to Send Input (active low)
6
GND
Ground
7
SUSPEND
USB Suspend State (active high)
8
GND
Ground
9
+5V
5V Power from USB (up to 500mA)
10
+3.3V
3.3V Power regulated (up to 100mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com