Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5106 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

Back Button CS5106 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 11Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Package Lead Description: continued
9VFB1
Voltage Feedback Lead for the Auxiliary PWM. A voltage which represents
the auxiliary power supply output voltage is fed to this lead. A voltage less
than RAMP1+0.13 on VFB1 will cause GATE1 to go low.
10
VSS
VSS power/feedback input lead. See VCC for description of power operation.
In addition, this lead is fed to a divide by ten resistor divider and compared to
1.2V nominal at the positive side of the error amplifier.
11
VCC
VCC power input lead. This input runs off a Zener referenced supply until
VSS > VCC. Then an internal diode which runs between VSS and VCC turns on
and all main power is derived from VSS.
12
GATE1
Auxiliary PWM gate drive lead. This output normally drives the FET which
drives the auxiliary transformer.
13
Gnd
Ground lead.
14
GATE2
Synchronous PWM gate drive lead. This output normally drives the FET
which drives the main transformer.
15
GATE2B
Synchronous PWM gate drive lead. This output normally drives the FET for
the gate drive transformer used for synchronous rectification.
16
VFB2
Voltage feedback lead for the synchronous PWM. A voltage which represents
the main power supply output voltage is fed to this lead. A voltage less than
RAMP2+0.13 on VFB2 will cause GATE2 to go low and GATE2B to go high.
17
RAMP2
Current ramp input lead for the synchronous PWM. A voltage which is linear
with respect to current in the primary side of the main trans former is usually
represented on this lead. A voltage exceeding VFB2 - 0.13 on RAMP2 will
cause GATE2 to go low and GATE2B to go high.
18
ILIM2
Pulse by pulse over current protection lead for the synchronous PWM. A volt-
age exceeding 1.2V nominal on ILIM2 will cause GATE2 to go low and GATE2B
to go high. A voltage exceeding 1.4V nominal on ILIM2 will cause GATE2 to go
low and GATE2B to go high for at least two clock cycles.
19
DLYSET
GATE2, GATE2B non-overlap time adjustment lead. A 27k½ resistor from
DLYSET to ground sets the non-overlap time to 45ns nominal.
20
FADJ
Frequency adjustment lead. A 27k½ resistor from FADJ to ground sets the
clock frequency to 512kHz nominal.
21
SYNCOUT
Clock output lead. This is a 50% duty cycle, 1V to 5V pulse whose rising edge
is in phase with GATE1. This signal can be used to synchronize other power
supplies.
22
SYNCIN
Clock synchronization lead. The internal clock frequency can be adjusted
+10%, -15% by the onset of positive edges of an external clock occurring on the
SYNCIN lead. If the external clock frequency is out side the internal clock fre-
quency by +25%, -35% the external clock is ignored and the internal clock free
runs.
23
PROGRAM
ENABLE programming input. See ENABLE for programming states. PRO-
GRAM has at least 20µA min. of available source current.
24
ENABLE
PWM enable input. If PROGRAM is HIGH then a LOW on ENABLE will
allow GATE1, GATE2 and GATE2B to switch. If PROGRAM is LOW then a
HIGH on ENABLE will allow GATE1, GATE2 and GATE2B to switch. If
ENABLE is left floating, it will pull up to a HIGH level. ENABLE has at least
100µA (min) of available source current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com