Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5106 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS5106
Description  Multi-Feature, Synchronous plus Auxiliary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5106 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS5106 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5106 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Thermal Data
24 Lead SSOP
RQJC
typ
23
ûC/W
RQJA
typ
117
ûC/W
Rev. 10/27/98
© 1999 Cherry Semiconductor Corporation
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
D
Lead Count
Metric
English
Max
Min
Max
Min
24 Lead SSOP
8.50
7.90
.335
.311
PACKAGE THERMAL DATA
Ordering Information
Part Number
Description
CS5106LSW24
24 Lead SSOP
CS5106LSWR24
24 Lead SSOP (tape & reel)
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Seating Plane
0.65 (.026) BSC
0.38 (.015)
0.22 (.009)
D
0.25 (.010)
0.05 (.002)
1.88 (.074)
1.62 (.064)
2.13 (.084) MAX
1.03 (.041)
0.77 (.030)
8.20 (.323)
7.40 (.291)
0.20 (.008)
0.09 (.004)
5.60 (.220)
5.00 (.197)
See
DETAIL A
Parting Line
DETAIL A
REF: JEDEC MO-150
SSOP (SW); 5.3mm Body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com