Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C801 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M27C801
Description  8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C801 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M27C801 Datasheet HTML 14Page - STMicroelectronics M27C801 Datasheet HTML 15Page - STMicroelectronics M27C801 Datasheet HTML 16Page - STMicroelectronics M27C801 Datasheet HTML 17Page - STMicroelectronics M27C801 Datasheet HTML 18Page - STMicroelectronics M27C801 Datasheet HTML 19Page - STMicroelectronics M27C801 Datasheet HTML 20Page - STMicroelectronics M27C801 Datasheet HTML 21Page - STMicroelectronics M27C801 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DC and AC characteristics
M27C801
18/24
Figure 9.
Programming and verify modes AC waveforms
Table 11.
Programming mode AC characteristics (1)
Symbol
Alt
Parameter
Test condition
Min.
Max.
Unit
tAVEL
tAS
Address valid to Chip Enable low
2
µs
tQVEL
tDS
Input valid to Chip Enable low
2
µs
tVCHEL
tVCS
VCC high to Chip Enable low
2
µs
tVPHEL
tOES
VPP high to Chip Enable low
2
µs
tVPLVPH
tPRT
VPP rise time
50
ns
tELEH
tPW
Chip Enable program pulse width (initial)
45
55
µs
tEHQX
tDH
Chip Enable high to Input transition
2
µs
tEHVPX
tOEH
Chip Enable high to VPP transition
2
µs
tVPLEL
tVR
VPP low to Chip Enable low
2
µs
tELQV
tDV
Chip Enable low to output valid
1
µs
tEHQZ
(2)
tDFP
Chip Enable high to output Hi-Z
0
130
ns
tEHAX
tAH
Chip Enable high to address transition
0
ns
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2.
Sampled only, not 100% tested.
tAVEL
VALID
AI01270
A0-A19
Q0-Q7
VCC
DATA IN
DATA OUT
E
tQVEL
tVCHEL
tVPHEL
tEHQX
tEHVPX
tELQV
tELEH
tEHQZ
tVPLEL
PROGRAM
VERIFY
GVPP
tEHAX
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com