Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13002AGP-T92-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 13002AGP-T92-R
Description  HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13002AGP-T92-R Datasheet(HTML) 1 Page - Unisonic Technologies

  13002AGP-T92-R Datasheet HTML 1Page - Unisonic Technologies 13002AGP-T92-R Datasheet HTML 2Page - Unisonic Technologies 13002AGP-T92-R Datasheet HTML 3Page - Unisonic Technologies 13002AGP-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
13002AG
Preliminary
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R201-090.b
HIGH VOLTAGE FAST
SWITCHING NPN POWER
APPLICATIONS
DESCRIPTION
The device is manufactured using High Voltage Multi Epitaxial
Planar technology for high switching speeds and high voltage
capability.
The UTC 13002AG is designed for use in Compact Fluorescent
Lamps.
FEATURES
* High Voltage Capability
* Low Spread of Dynamic Parameters
* Very High Switching Speed
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free Plating
Halogen Free
1
2
3
13002AGL-T92-B
13002AGP-T92-B
TO-92
E
C
B
Tape Box
13002AGL-T92-K
13002AGP-T92-K
TO-92
E
C
B
Bulk
13002AGL-T92-R
13002AGP-T92-R
TO-92
E
C
B
Tape Reel
(1) B: Bluk, K: Bulk, R: Tape Reel
(2) T92: TO-92
(3) L: Lead Free, P: Halogen Free
13002AGL-T92-B
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING INFORMATION
PACKAGE
MARKING
TO-92
UTC
13002AG
1
Data Code
L: Lead Free
P: Halogen Free


Similar Part No. - 13002AGP-T92-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13002AGP-T92-A-B UTC-13002AGP-T92-A-B Datasheet
115Kb / 3P
HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
13002AGP-T92-A-K UTC-13002AGP-T92-A-K Datasheet
115Kb / 3P
HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
More results

Similar Description - 13002AGP-T92-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
High Power Switching Applications Fast Switching Applications
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
High Power Switching Applications Fast Switching Applications
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
logo
Unisonic Technologies
UBV45 UTC-UBV45 Datasheet
48Kb / 4P
HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
UBV45 UTC-UBV45_10 Datasheet
164Kb / 4P
HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
logo
Toshiba Semiconductor
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
High Power Switching Applications Fast Switching Applications
logo
Unisonic Technologies
UBV45 UTC-UBV45_15 Datasheet
164Kb / 4P
HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
13002AG UTC-13002AG_15 Datasheet
115Kb / 3P
HIGH VOLTAGE FAST SWITCHING NPN POWER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com