Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5166HGDWR16 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5166HGDWR16
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166HGDWR16 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5166HGDWR16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 14Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Figure 10: Output Voltage Transient Response to a 14A load turn-off,
VOUT = +2.825V (DAC = 10111).
Power Supply Sequencing
The CS5166H offers inherent protection from undefined
start-up conditions, regardless of the 12V and 5V supply
power-up sequencing. The turn-on slew rates of the 12V
and 5V power supplies can be varied over wide ranges
without affecting the output voltage or causing detrimental
effects to the buck regulator.
Over-Current Protection
A loss-less hiccup mode current limit protection feature is
provided, requiring only the Soft Start capacitor to imple-
ment. The CS5166H provides overcurrent protection by
sensing the current through a “Droop” resistor, using an
internal current sense comparator. The comparator com-
pares this voltage drop to an internal reference voltage of
76mV (typical).
If the voltage drop across the “Droop” resistor exceeds this
threshold, the current sense comparator allows the fault
latch to be set. This causes the regulator to stop switching.
During this over current condition, the CS5166H stays off
for the time it takes the Soft Start capacitor to slowly dis-
charge by a 2µA current source until it reaches its lower
0.7V threshold.
At that time the regulator attempts to restart normally by
delivering short gate pulses to both FETs. The CS5166H
will operate initially in its extended off time mode with a
50% duty cycle, while the Soft Start capacitor is charged
with a 60µA charge current. The gates will switch on while
the Soft Start capacitor is charged to its upper 2.7V thresh-
old. During an overload condition the Soft Start charge
/discharge current ratio sets the duty cycle for the pulses
(2µA/60µA = 3.3%), while actual duty cycle is half that due
to the extended off time mode (1.65%) when VFB is less
than 1V. The Soft Start hiccup pulses last for a 3ms period
at the end of which the duty cycle repeats if a fault is
detected, otherwise normal operation resumes.
This protection scheme minimizes thermal stress to the reg-
ulator components, input power supply, and PC board
traces, as the over current condition persists. Upon
removal of the overload, the fault latch is cleared, allowing
normal operation to resume. The current limit trip point
can be adjusted through an external resistor, providing the
user with the current limit set-point flexibility.
Figure 11: Demonstration board hiccup mode short circuit protection.
Gate pulses are delivered while the Soft Start capacitor charges, and
cease during discharge.
Figure 12: Demonstration board Start up with regulator output shorted
to ground.
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2
TM control topology and requires
no additional external components. The control loop
responds to an overvoltage condition within 100ns, causing
the top MOSFET to shut off, disconnecting the regulator
from its input voltage. The bottom MOSFET is then activat-
ed, resulting in a “crowbar” action to clamp the output
voltage and prevent damage to the load (see Figures 13
and 14). The regulator will remain in this state until the
overvoltage condition ceases or the input voltage is pulled
low. The bottom FET and board trace must be properly
designed to implement the OVP function. If a dedicated
OVP output is required, it can be implemented using the
circuit in Figure 15. In this figure the OVP signal will go
high (overvoltage condition), if the output voltage (VCORE)
exceeds 20% of the voltage set by the particular DAC code
Trace 4 = 5V from PC Power Supply (2V/div.)
Trace 2 = Inductor Switching Node (2V/div.)
Trace 4 - 5V Supply Voltage (2V/div.)
Trace 3 - Soft Start Timing Capacitor (1V/div.)
Trace 2 - Inductor Switching Node (2V/div.)
Protection and Monitoring Features
Trace 1 - GATE(H) (10V/div)
Trace 2 - Inductor Switching Node (5V/div)
Trace 3 -Load Current (5A/div)
Trace 4 - VOUT(100mV/div)
10
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com