Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5166HGDWR16 Datasheet(PDF) 15 Page - Cherry Semiconductor Corporation

Part # CS5166HGDWR16
Description  5-Bit Synchronous CPU Controller with Power-Good and Current Limit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5166HGDWR16 Datasheet(HTML) 15 Page - Cherry Semiconductor Corporation

Back Button CS5166HGDWR16 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5166HGDWR16 Datasheet HTML 19Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
rating of the external power components as these are the
first to fail during an overload condition. The MOSFET
continuous and pulsed drain current rating at a given case
temperature has to be accounted for when setting the cur-
rent limit trip point. For example the IRL 3103S (D2 PAK)
MOSFET has a continuous drain current rating of 45A at
VGS = 10V and TC = 100˚C. Temperature curves on MOS-
FET manufacturers’ data sheets allow the designer to
determine the MOSFET drain current at a particular VGS
and TJ (junction temperature). This, in turn, will assist the
designer to set a proper current limit, without causing
device breakdown during an overload condition.
For a 300MHz Pentium ® II CPU the full load is 14.2A. The
internal current sense comparator current limit voltage
limits are: 55mV < VTH < 130mV. Also, there is a 29% total
variation in RSENSE as discussed in the previous section.
We select the value of the current sensing element (embed-
ded PCB trace) for the minimum current limit setpoint:
RSENSE(MAX) =
⇒ RSENSE × 1.29 =
⇒
RSENSE × 1.29 = 3.87mΩ ⇒ RSENSE = 3mΩ
We calculate the range of load currents that will cause the
internal current sense comparator to detect an overload
condition.
From the overcurrent detection data section (pg 3),
Nominal Current Limit Setpoint
VTH(TYP) = 76mV.
ICL(NOM) =
Maximum Current Limit Setpoint
Therefore , ICL(NOM) =
= 25.3A
VTH(MAX) = 110mV.
Therefore,
ICL(MAX) =
=
=
= 51.6A
Therefore, the range of load currents that will cause the
internal current sense comparator to detect an overload
condition through a 3mΩ embedded PCB trace is: 14.2A <
ICL < 51.6A, with 25.3A being the nominal overload condi-
tion.
There may be applications whose layout will require the
use of two extra filter components, a 510Ω resistor in series
with the ISENSE pin, and a 0.1µF capacitor between the
ISENSE and VFB pins. These are needed for proper current
limit operation and the resistor value is layout dependent.
This series resistor affects the calculation of the current
limit setpoint, and has to be taken into account when
determining an effective current limit.
The calculations below show how the current limit set-
point is determined when this 510Ω is taken into consider-
ation.
VTRIP = VTH + (ISENSE × RISENSE) – (RFB × IFB)
Where VTRIP = voltage across the droop resistor that trips
the ISENSE comparator
VTH = internal ISENSE comparator threshold
ISENSE = ISENSE bias current
RISENSE = ISENSE pin 510Ω filter resistor
RFB = VFB pin 3.3K filter resistor
IFB = VFB bias current
Minimum current sense resistor (droop resistor) voltage
drop required for current limit when RISENSE is used
VTRIP(MIN) = 55mV + (13µA × 510) – (3.3K × 1µA) = 55mV +
6.6mV – 3.3mV = 58.3mV
Nominal current sense resistor (droop resistor) voltage
drop required for current limit when RISENSE is used
VTRIP(NOM) = 76mV + (30µA × 510) – (3.3K × 0.1µA) =
76mV + 15.3mV – 0.33mV = 90.97mV
Maximum current sense resistor (droop resistor) voltage
drop required for current limit when RISENSE is used
VTRIP(MAX) = 110mV + (50µA × 510) = 110mV + 25.5mV =
135.5mV
The value of RSENSE (current sense PCB trace) is then calcu-
lated:
RSENSE(MAX) =
= 4.1mΩ
RSENSE(NOM) =
=
= 3.18mΩ
The range of load currents that will cause the internal cur-
rent sense comparator to detect an overload condition is as
follows:
Nominal Current Limit Setpoint
ICL(NOM) = VTRIP(NOM) / RSENSE(NOM)
Therefore,
ICL(NOM) = 90.97mV / 3.18mΩ = 28.6A
4.1mΩm
1.29
RSENSE(MAX)
1.29
58.3mV
14.2A
110mV
3mΩ × 0.71
110mV
RSENSE × 0.71
110mV
RSENSE(MIN)
76mV
3mΩ
VTH(TYP)
RSENSE(NOM)
55mV
14.2A
VTH(MIN)
ICL(MIN)
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com