Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5207-2 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS5207-2
Description  7A, 1.5V Fixed Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5207-2 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5207-2 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Load Regulation vs. Output Current
Ripple Rejection vs Frequency
Typical Performance Characteristics: continued
the CS5207-2 linear regulator provides a fixed 1.5V out-
put at currents up to 7A. The regulator is protected
against short circuit, and includes thermal shutdown and
safe area protection (SOA) circuitry. The SOA protection
circuitry decreases the maximum available output current
as the input-output differential voltage increases.
The CS5207-2 has a composite PNP-NPN output transistor
and requires an output capacitor for stability. A detailed
procedure for selecting this capacitor is included in the
Stability Considerations section.
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start-up
delay, load transient response and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic capaci-
tor with almost zero ESR can cause instability. The alu-
minum electrolytic capacitor is the least expensive solu-
tion. However, when the circuit operates at low tempera-
tures, both the value and ESR of the capacitor will vary
considerably. The capacitor manufacturersÕ data sheet pro-
vides this information.
A 22µF tantalum capacitor will work for most applications,
but with high current regulators such as the CS5207-2 the
transient response and stability improve with higher val-
ues of capacitor. The majority of applications for this regu-
lator involve large changes in load current so the output
capacitor must supply the instantaneous load current.
The ESR of the output capacitor causes an immediate drop
in output voltage given by:
ÆV = ÆI
´ ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
load transient conditions. The output capacitor network
should be as close as possible to the load for the best results.
When large external capacitors are used with a linear regu-
lator it is sometimes necessary to add protection diodes. If
the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator.
The discharge current depends on the value of the capaci-
tor, the output voltage and the rate at which VIN drops. In
the CS5207-2, the discharge path is through a large junc-
tion and protection diodes are not usually needed. If the
regulator is used with large values of output capacitance
and the input voltage is instantaneously shorted to
ground, damage can occur. In this case, a diode connected
as shown in Figure 1 is recommended.
Figure 1. Protection diode scheme for fixed output regulators.
VOUT
VIN
CS5207-2
VIN
Gnd
VOUT
C2
C1
IN4002
(optional)
Protection Diodes
Stability Considerations
Applications Information
0.025
0.000
0.050
0.075
0.100
0.200
01
2
3
4
5
Output Current (A)
TCASE = 0°C
67
0.125
0.150
0.175
TCASE = 125°C
TCASE = 25°C
0.0
101
Frequency (Hz)
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
102
103
104
105
TCASE = 25°C
IOUT = 7A
(VIN Ð VOUT) = 3V
VRIPPLE = 1.6VPP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com