Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5207-2 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5207-2
Description  7A, 1.5V Fixed Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5207-2 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5207-2 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5207-2 Datasheet HTML 5Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Part Number
Type
Description
CS5207-2GT3
7A, 1.5V output
3 L TO-220 Straight
Ordering Information
Rev. 6/12/98
Package Specification
PACKAGE DIMENSIONS IN mm(INCHES)
3L
Thermal Data
TO-220
RQJC
typ
1.6
ûC/W
RQJA
typ
50
ûC/W
PACKAGE THERMAL DATA
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
© 1999 Cherry Semiconductor Corporation
3 Lead TO-220 (T) Straight
5.33 (.210)
4.83 (.190)
2.79 (.110)
2.29 (.090)
1.02 (.040)
0.63 (.025)
0.56 (.022)
0.38 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.17 (.243) REF
1.14 (.045)
1.52 (.060)
1.14 (.045)
1.40 (.055)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
2.92 (.115)
2.29 (.090)
9.78 (.385)
10.54 (.415)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com