Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G19 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G19
Description  1-OF-2 DECODER/DEMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G19 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G19 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G19
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
VER.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Output Voltage
Output in the high or low state
VOUT
-0.5 ~ VCC+0.5
V
Output in the high-impedance or
power-off state
-0.5 ~ +6.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current (VOUT=0 to VCC)
IOUT
±50
mA
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VOUT<0)
IOK
-50
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
Operating Temperature
TA
-40
85
°C
Input Transition Rise or Fall
Rate
Δt/Δv
VCC=1.8V±0.15V, 2.5V±0.2V
20
ns/V
VCC=3.0V±0.3V
10
ns/V
VCC=5V±0.5V
5
ns/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com