Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC1G19 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G19
Description  1-OF-2 DECODER/DEMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G19 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G19 Datasheet HTML 1Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 2Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 3Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 4Page - Unisonic Technologies U74LVC1G19 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G19
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
VER.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=1.65V ~ 1.95V
0.65*VCC
V
VCC=2.3V ~ 2.7V
1.7
V
VCC=2.7V ~ 3.6V
2
V
VCC=4.5V ~ 5.5V
0.7*VCC
V
Low-level Input Voltage
VIL
VCC=1.65V ~ 1.95V
0.35*VCC
V
VCC=2.3V ~ 2.7V
0.7
V
VCC=2.7V ~ 3.6V
0.8
V
VCC=4.5V ~ 5.5V
0.3*VCC
V
High-Level Output Voltage
VOH
IOH=-100μA
VCC=1.65 ~ 5.5V VCC-0.1
V
IOH=-4mA
VCC=1.65V
1.2
1.54
V
IOH=-8mA
VCC=2.3V
1.9
2.15
V
IOH=-16mA
VCC=3.0V
2.4
2.50
V
IOH=-24mA
VCC=3.0V
2.3
2.62
V
IOH=-32mA
VCC=4.5V
3.8
4.11
V
Low-Level Output Voltage
VOL
IOL=100μA
VCC=1.65 ~ 5.5V
0.1
V
IOL=4mA
VCC=1.65V
0.07
0.45
V
IOL=8mA
VCC=2.3V
0.12
0.30
V
IOL=16mA
VCC=2.7V
0.17
0.40
V
IOL=24mA
VCC=3.0V
0.33
0.55
V
IOL=32mA
VCC=4.5V
0.39
0.55
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=0 ~ 5.5V
±0.1
±1
μA
Power OFF Leakage Current
Ioff
VIN or VOUT=5.5V, VCC=0V
±0.1
±10
μA
Quiescent Supply Current
ICC
VIN=5.5V or GND, IOUT=0
VCC=1.65 ~ 5.5V
0.1
10
μA
Additional Quiescent Supply
Current Per Input Pin
ΔICC
VCC=2.3 ~ 5.5V, One input at
VCC-0.6V, Other inputs at VCC or
GND
5
500
μA
Input Capacitance
CI
VCC=3.3V, VIN=VCC or GND
3.5
pF
SWITCHING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(A or E ) to output(Y)
tPLH/tPHL
VCC=1.8V±0.15V, CL=30 pF
RU=1KΩ
3.2
4.0
16.1
ns
VCC=2.5V±0.2V, CL=30pF
RC=500Ω
1.5
2.5
65
ns
VCC=3.3V±0.3V, CL=50 pF
RC=500Ω
1.1
2.5
5.2
ns
VCC=5V±0.5V, CL=50pF
RC=500Ω
0.5
1.8
3.9
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation
Capacitance
CPD
VI = GND to VCC, VCC=3.3V
16
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com