Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC250-080 Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SC250-080
Description  Radial Lead Resettable Polymer PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC250-080 Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SC250-080 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC250-080 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC250-080 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC250-080 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC250-080 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Radial Lead Resettable Polymer PTCs
Revision September 12, 2013
3 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC250 Series
SOCAY Electronics Co., Ltd.
www.socay.com
A0=SC250-020
A=SC250-030
B=SC250-040
C=SC250-050
D=SC250-060
E=SC250-080
F=SC250-120S
G=SC250-160
H=SC250-200C
I=SC250-250
J=SC250-300
K=SC250-330
L=SC250-400
M=SC250-500
N=SC250-550
O=SC250-600
P=SC250-650
Q=SC250-750
R=SC250-800
S=SC250-900
T=SC250-1000C
U=SC250-1100
V=SC250-1250C
W=SC250-1350
X=SC250-1600
Y=SC250-1850
Z=SC250-2000
Test
Test Conditions
Accept/Reject Criteria
Resistance
In still air @25
±2°C
Rmin≤R≤Rmax
Hold Current
60 min, at Ihold, In still air @25±2°C
No trip
Time to Trip
Specified current, Vmax, @25±2°C
T
≤Maximum Time To Trip
Trip Cycle Life
Vmax, Imax,100 cycles
No arcing or burning
Trip Endurance
Vmax,24hours
No arcing or burning
Pre-Heating Zone
Refer to the condition recommended
by the manufacturer. Max. ramping
rate should not exceed 4
°C/Sec
Soldering Zone
Max. solder temperature should not
exceed 260
°C
Cooling Zone
Cooling by natural convection in air
Test Procedures and Requirement
Soldering Parameters
Part Numbering
Part Marking
Average Time Current Curves
Temperature Rerating Curve
Current in Amperes
Temperature (
°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com