| Electronic Components Datasheet Search |
|
SC250-080 Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC250-080 Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd. |
|
5 / 5 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 5 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC250 Series SOCAY Electronics Co., Ltd. www.socay.com A B C D Lead (dia) Inches mm Inches mm Inches mm Inches mm Part Number Figure Max. Max. Max. Max. Typ. Typ. Max. Max. Inches mm Packaging (Bulk Pack) SC250-750 Figure2 0.570 14.5 0.854 21.7 0.200 5.1 0.181 4.6 0.031 0.8 500 SC250-800 Figure2 0.570 14.5 0.854 21.7 0.200 5.1 0.181 4.6 0.031 0.8 500 SC250-900 Figure2 0.650 16.5 0.965 24.5 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1000C Figure1 0.831 21.1 0.988 25.1 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1000S Figure2 0.748 19.0 1.004 25.5 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1100 Figure2 0.748 19.0 1.004 25.5 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1250C Figure1 0.953 24.2 1.110 28.2 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1250S Figure2 0.748 19.0 1.142 29.0 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1350 Figure2 0.748 19.0 1.142 29.0 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1600 Figure2 0.846 21.5 1.142 29.0 0.400 10.2 0.181 4.6 0.031 0.8 200 SC250-1850 Figure2 0.984 25.0 1.142 29.0 0.400 10.2 0.181 4.6 0.031 0.8 100 SC250-2000 Figure2 0.984 25.0 1.319 33.5 0.400 10.2 0.181 4.6 0.031 0.8 100 u This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current in a fault condition, Operation beyond the maximum rating or improper use may result in device damage and possible electrical arcing and flame. u A PPTC device is not a fuse, It is a nonlinear thermistor that limits current, Because under a fault condition all PPTC devices go into a high resistance state but not open circuit hazardous voltage may be present at PPTC. u The devices are intended for protection against occasional over-current or over-temperature fault conditions and should not be used when repeated fault conditions or prolonged trip events. u In most application, power must be removed and the fault condition cleared in order to reset a PPTC device. u PPTC devices are not recommended to be installed in applications where the device is constrained such that its PPTC properties are inhibited, for example in rigid potting materials or Add devices surface coating, Bundled devices ontology, which lack adequate clearance to accommodate device expansion. u Contamination on of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the performance of the devices. For example, Organic solvents to cleaning. Dimensions (Continue) Warning |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |