Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS22220 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS22220
Description  WIRELESS PCI/USB CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22220 Datasheet(HTML) 2 Page - Cirrus Logic

  CS22220 Datasheet HTML 1Page - Cirrus Logic CS22220 Datasheet HTML 2Page - Cirrus Logic CS22220 Datasheet HTML 3Page - Cirrus Logic CS22220 Datasheet HTML 4Page - Cirrus Logic CS22220 Datasheet HTML 5Page - Cirrus Logic CS22220 Datasheet HTML 6Page - Cirrus Logic CS22220 Datasheet HTML 7Page - Cirrus Logic CS22220 Datasheet HTML 8Page - Cirrus Logic CS22220 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CS22220 Wireless PCMCIA Controller
2 of 34
DS557PP2
Rev. 3.0
www.cirrus.com
2
Features
Embedded ARM Core and System Support Logic
High performance ARM7TDMI RISC processor core up to 77MHz
4KB integrated, one-way set associative, unified, write through cache
Individual interrupt for each functional block
Two 23-bit programmable (periodic or one-shot) general purpose timers
8 Dword (32-bits) memory write and read buffers for high system performance
Abort cycle detection and reporting for debugging
ARM performance monitoring function for system fine-tuning
Programmable performance improvement logic based on system configuration
Enhanced Memory Controller Unit
Programmable memory controller unit supporting SDRAM /async SRAM/Boot ROM/Flash
interface
16-bit data bus with 12-bit address supporting up to 4MB up to 103 MHz (100/133MHz SDRAM)
8-bit data bus with addressing support up to 1MB of boot ROM/Flash.
Programmable SDRAM timing and size parameters such as CAS latencies and number of
banks, columns, and rows
Flexible independent DMA engines for PCMCIA and digital radio functional units
FEC codec
High performance Reed-Solomon coding for error correction (255:239 block coding)
Reduces error probability of a typical 10e-3 error rate environment to 10e-9
Programmable rate FEC engine to optimize channel efficiency
Low latency, fully pipelined hardware encoding and decoding. Supports byte-wise single cycle
throughput up to 77MHz, with a sustain rate of 77MBps.
Double buffering (63 Dword read/write buffer) to enhance system performance
Digital Radio MAC Interface
Glue-less interface to 802.11b baseband transceivers
Up to 11Mbps data rates
32 Dword transmit/receive FIFO
Supports clear channel assessment (CCA)
Power Management
Host (PCMCIA) ACPI compliant
Programmable sleep timer for ARM core and system low power management
Independent power management control for individual functional units
Supports variable rate radio transmit, receive, and standby radio power modes
Clock and PLL Interface
Single 44MHz crystal oscillator reference clock
Internal PLL to generate internal and on board clocks
PCMCIA Interface
16 bit PCMCIA I/O target device supporting memory map or program I/O using 11 address bits
Independent DMA controller to transfer data between PCMCIA and main memory
Fully compliant with PCMCIA 2.1/JEIDA 4.2 standard
Supports big endian and little endian (default) data formats
Supports custom mode for embedded applications where the interface becomes a generic
memory address/data interface
Chip Processing and Packaging
208 FPBGA package and 0.18um state of the art CMOS process
1.8 V core for low power consumption. 3.3V I/O - 5V tolerant I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com