Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS22250 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS22250
Description  WIRELESS 10BT CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22250 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS22250 Datasheet HTML 9Page - Cirrus Logic CS22250 Datasheet HTML 10Page - Cirrus Logic CS22250 Datasheet HTML 11Page - Cirrus Logic CS22250 Datasheet HTML 12Page - Cirrus Logic CS22250 Datasheet HTML 13Page - Cirrus Logic CS22250 Datasheet HTML 14Page - Cirrus Logic CS22250 Datasheet HTML 15Page - Cirrus Logic CS22250 Datasheet HTML 16Page - Cirrus Logic CS22250 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
CS22250 Wireless 10BT Controller
13 of 32
DS551PP2
Rev. 3.0
www.cirrus.com
Digital Wireless Radio Interface
All Radio input buffers are Schmitt triggered input buffers. There are a total of 25 signals in this
interface.
TXCLK
Input
Transmit clock is a clock input from the radio baseband processor. This
signal is used to clock out the transmit data on the rising edge of TXCLK.
TXPEBB
Output
Baseband transmit power enable is an output from the MAC to the radio
baseband processor. When active, the baseband processor transmitter
is configured to be operational, otherwise the transmitter is in standby
mode.
TXD
Output
It is the serial data output from the MAC to the radio baseband
processor. The data is transmitted serially with the LSB first. The data is
driven by the MAC on the rising edge of TXCLK and is sampled by the
radio baseband processor on the falling edge of TXCLK and rising edge
of TXCLK.
TXRDY
Input
Transmit data ready is an input to the MAC from the radio baseband
processor to indicate that the radio baseband processor is ready to
receive the data packet over the TXD signal. The signal is sampled by
theMAC on therising edge of TXCLK.
CCA
Input
Clear channel assessment is an input from the radio baseband
processor to signal that the channel is clear to transmit. When this signal
is a 0, the channel is clear to transmit. When this signal is a 1, the
channel is not clear to transmit. This helps the MAC to determine when
to switch from receive to transmit mode.
BBRNW
Output
Baseband read/write is an output from the MAC to indicate the direction
of the SD bus when used for reading or writing data. This signal has to
be setup to the rising edge of BBSCLK for the baseband processor and
is driven on the falling edge of BBSCLK.
NRESETBB
Output
Baseband reset is an output of the MAC to reset the baseband
processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com