| Electronic Components Datasheet Search |
|
CS22250 Datasheet(PDF) 18 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS22250 Datasheet(HTML) 18 Page - Cirrus Logic |
|
18 / 32 page ![]() CS22250 Wireless 10BT Controller 18 of 32 DS551PP2 Rev. 3.0 www.cirrus.com NOSWAIT Input The wait bus is a single bit bus, which indicates the processing element addressed on the external control address space is not capable of completing the transfer on this cycle. OSRNW Output External control bus read/write. OSCLK Output External control bus clock. This clock is half the frequency of the internal control clock. External processing element clocks the input data to the OSAD bus on this clock edge. NOSRESET Output External control bus reset. OSCTLDIR Output External control bus direction control. The direction bus is a single bit bus, which indicates the direction of the tri-state drivers on the address/data bus. A logic ‘0’ on this bus indicates the tri-state drivers are on source mode on the OS bus and a logic ‘1’ on this bus indicates the tri-state drivers are on receive mode from the OS bus. OSREQ Output External control bus request. It indicates a transfer has been initiated, addressed to the external control bus address space. The external control bus FUB shall de-assert the transfer request on the next OS cycle, if the OS wait signal is not asserted by the processing element on the OS bus during the data phase. OSNINT Input This is the interrupt for external bus interface to the ARM core. External DMA Interface DMAREQA Input DMA request channel A. When driven HIGH, this signal tells the DMA controller that an agent on the external control bus is requesting a DMA access. DMAREQB Input DMA request channel B. When driven HIGH, this signal tells the DMA controller that an agent on the external control bus is requesting a DMA access. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |