Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4205 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear Audio Codec 97 with Portable Computing
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 17Page - Cirrus Logic CS4205 Datasheet HTML 18Page - Cirrus Logic CS4205 Datasheet HTML 19Page - Cirrus Logic CS4205 Datasheet HTML 20Page - Cirrus Logic CS4205 Datasheet HTML 21Page - Cirrus Logic CS4205 Datasheet HTML 22Page - Cirrus Logic CS4205 Datasheet HTML 23Page - Cirrus Logic CS4205 Datasheet HTML 24Page - Cirrus Logic CS4205 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
CS4205
DS489PP2
21
4.1.3
Command Data Port (Slot 2)
WD[15:0]
Write Data. The WD[15:0] bits contain the 16-bit value to be written to the register. If an ac-
cess is a read, this slot is ignored.
NOTE:
For any write to an AC ’97 register, the write is defined to be an ‘atomic’ access. This means
that when the Slot 1 Valid bit in output Slot 0 is ‘set’, the Slot 2 Valid bit in output Slot 0 should
always be ‘set’ during the same audio frame. No write access may be split across 2 frames.
4.1.4
PCM Playback Data (Slots 3-11)
PD[19:0]
Playback Data. The PD[19:0] bits contain the 20-bit PCM (2’s complement) playback data for
the left and right DACs, serial data ports, and/or the S/PDIF transmitter. Table 14 on page 42
lists a cross reference for each function and its respective slot. The mapping of a given slot
to the DAC, serial data port, or S/PDIF transmitter is determined by the state of the ID[1:0]
bits in the Extended Audio ID Register (Index 28h) and by the SM[1:0] and AMAP bits in the
AC Mode Control Register (Index 5Eh).
4.1.5
GPIO Pin Control (Slot12)
GPIO[4:0]
GPIO Pin Control. The GPIO[4:0] bits control the CS4205 GPIO pins configured as outputs.
Write accesses using GPIO pin control bits configured at outputs will be reflected on the GPIO
pin output on the next AC-link frame. Write accesses using GPIO pin control bits configured
as inputs will have no effect and are ignored. If the GPOC bit in the Misc. Crystal Control Reg-
ister (Index 60h) is ‘set’, the bits in output Slot 12 are ignored and GPIO pins configured as
outputs are controlled through the GPIO Pin Status Register (Index 54h).
Bit 19
18
17
16
15
14
13
12
11
10
987654
3210
WD15 WD14 WD13 WD12 WD11 WD10 WD9 WD8 WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
Reserved
Bit 19
18
17
16
15
14
13
12
11
10
9876
543210
PD19 PD18 PD17 PD16 PD15 PD14 PD13 PD12 PD11 PD10 PD9 PD8 PD7 PD6 PD5 PD4 PD3 PD2 PD1 PD0
Bit 19 18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Not Implemented
GPIO4 GPIO3 GPIO2 GPIO1 GPIO0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com