Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4205 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4205
Description  CrystalClear Audio Codec 97 with Portable Computing
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 35Page - Cirrus Logic CS4205 Datasheet HTML 36Page - Cirrus Logic CS4205 Datasheet HTML 37Page - Cirrus Logic CS4205 Datasheet HTML 38Page - Cirrus Logic CS4205 Datasheet HTML 39Page - Cirrus Logic CS4205 Datasheet HTML 40Page - Cirrus Logic CS4205 Datasheet HTML 41Page - Cirrus Logic CS4205 Datasheet HTML 42Page - Cirrus Logic CS4205 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
CS4205
DS489PP2
39
5.21
GPIO Pin Polarity/Type Configuration Register (Index 4Eh)
GP[4:0]
GPIO Pin Configuration. This register defines the GPIO input polarity (0 = Active Low,
1 = Active High) when a GPIO pin is configured as an input. The GP[4:0] bits define the GPIO
output type (0 = CMOS, 1 = OPEN-DRAIN) when a GPIO pin is configured as an output. The
GC[4:0] bits in the GPIO Pin Configuration Register (Index 4Ch) define the GPIO pins as in-
puts or outputs. See Table 13 for the various GPIO configurations.
Default
FFFFh
After a Cold Reset or a modem Register Reset this register defaults to all 1’s. The upper 11 bits of this register al-
ways return ‘1’.
5.22
GPIO Pin Sticky Register (Index 50h)
GS[4:0]
GPIO Pin Sticky. This register defines the GPIO input type (0 = not sticky, 1 = sticky) when a
GPIO pin is configured as an input. The GPIO pin status of an input configured as “sticky” is
‘cleared’ by writing a ‘0’ to the corresponding bit of the GPIO Pin Status Register (Index 54h),
and by reset.
Default
0000h
After a Cold Reset or a modem Register Reset this register defaults to all 0’s, specifying “non-sticky”. “Sticky” is de-
fined as edge sensitive, “non-sticky” as level sensitive. The upper 11 bits of this register always return ‘0’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
11
11
11
11
1
GP4
GP3
GP2
GP1
GP0
GCx GPx Function
Configuration
0
0
Output
CMOS Drive
0
1
Output
Open Drain
1
0
Input
Active Low
1
1
Input
Active High (default)
Table 13. GPIO Input/Output Configurations
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
00
00
00
0
GS4
GS3
GS2
GS1
GS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com