Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43122 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS43122 Datasheet HTML 12Page - Cirrus Logic CS43122 Datasheet HTML 13Page - Cirrus Logic CS43122 Datasheet HTML 14Page - Cirrus Logic CS43122 Datasheet HTML 15Page - Cirrus Logic CS43122 Datasheet HTML 16Page - Cirrus Logic CS43122 Datasheet HTML 17Page - Cirrus Logic CS43122 Datasheet HTML 18Page - Cirrus Logic CS43122 Datasheet HTML 19Page - Cirrus Logic CS43122 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
CS43122
16
MCLK
10
Master Clock (Input) - The master clock frequency must be either 256x, 384x,
512x or 768x the input sample rate in Operational Mode 0; either 128x, 192x 256x
or 384x the input sample rate in Operational Mode 1 ; or 64x, 96x 128x or 192x the
input sample rate in Operational Mode 2 . Tables 4-6 illustrate the standard audio
sample rates and the required master clock frequencies.
SCLK
11
Serial Clock
(Input) - Clocks individual bits of serial data into the SDATA pin. The
required relationship between the Left/Right clock, serial clock and serial data is
defined by either the Mode Control Byte in Control Port Mode or the M0 - M4 pins
in Hardware Mode. The options are detailed in Figures 20-23.
LRCK
12
Left/Right Clock
(Input) - The Left/Right clock determines which channel is cur-
rently being input on the serial audio data input, SDATA. The frequency of the
Left/Right clock must be at the input sample rate. Audio samples in Left/Right
sample pairs will be simultaneously output from the digital-to-analog converter
whereas Right/Left pairs will exhibit a one sample period difference. The required
relationship between the Left/Right clock, serial clock and serial data is defined by
the Mode Control Byte and the options are detailed in Figures 20-23.
SDATA
13
Serial Audio Data
(Input) - Two’s complement MSB-first serial data is input on
this pin. The data is clocked into SDATA via the serial clock and the channel is
determined by the Left/Right clock. The required relationship between the
Left/Right clock, serial clock and serial data is defined by the Mode Control Byte
and the options are detailed inin Figures 20-23.
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
32
8.1920
12.2880
16.3840
24.5760
44.1
11.2896
16.9344
22.5792
33.8688
48
12.2880
18.4320
24.5760
36.8640
Table 1. Operational Mode 0 (16 to 55 kHz sample rates) Common Clock
Frequencies
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
48
6.1440
8.1920
12.2880
16.3840
64
8.1920
12.2880
16.3840
24.5760
88.2
11.2896
16.9344
22.5792
33.8688
96
12.2880
18.4320
24.5760
36.8640
Table 2. Operational Mode 1 (45 to 105 kHz sample rates) Common Clock
Frequencies
Sample Rate
(kHz)
MCLK (MHz)
64x
96x
128x
192x
176.4
11.2896
16.9344
22.5792
33.8688
192
12.2880
18.4320
24.5760
36.8640
Table 3. Operational Mode 2 (95 to 200 kHz sample rates) Common Clock
Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com