Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4611 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4611
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4611 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4611 Datasheet HTML 8Page - Cirrus Logic CS4611 Datasheet HTML 9Page - Cirrus Logic CS4611 Datasheet HTML 10Page - Cirrus Logic CS4611 Datasheet HTML 11Page - Cirrus Logic CS4611 Datasheet HTML 12Page - Cirrus Logic CS4611 Datasheet HTML 13Page - Cirrus Logic CS4611 Datasheet HTML 14Page - Cirrus Logic CS4611 Datasheet HTML 15Page - Cirrus Logic CS4611 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
DS241PP5
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
The PCI bus transactions supported by the
CS4610/11 device are summarized in Table 1. Note
that no Target Abort conditions are signalled by the
device. Byte, Word, and Doubleword transfers are
supported for Configuration Space accesses. Only
Doubleword transfers are supported for Register or
Memory area accesses. Bursting is not supported
for host-initiated transfers to/from the CS4610/11
internal register space, RAM memory space, or
PCI configuration space (disconnect after first
phase of transaction is completed).
Initiator
Target
Type
PCI Dir
Host
Registers (BA0)
Mem Write
In
Host
Registers (BA0)
Mem Read
Out
Host
Memories (BA1)
Mem Write
In
Host
Memories (BA1)
Mem Read
Out
Host
Config Space 1
Config Write
In
Host
Config Space 1
Config Read
Out
DMA
Host System
Mem Write
Out
DMA
Host System
Mem Read
In
Table 1. CS4610/11 PCI Interface Transaction Summary
Device ID / Vendor ID
Status / Command
Class Code / Revision
Misc Control
Base Address Register 0
Base Address Register 1
Device PCI Config Space
00h
04h
08h
0Ch
10h
14h
Direct I/O Registers
(Memory Mapped, 4KB)
Direct Memory Interface
(Memory Mapped, 1KB)
Figure 8. CS4610/11 Host Interface Base Address Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com