Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49400 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS49400
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49400 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS49400 Datasheet HTML 66Page - Cirrus Logic CS49400 Datasheet HTML 67Page - Cirrus Logic CS49400 Datasheet HTML 68Page - Cirrus Logic CS49400 Datasheet HTML 69Page - Cirrus Logic CS49400 Datasheet HTML 70Page - Cirrus Logic CS49400 Datasheet HTML 71Page - Cirrus Logic CS49400 Datasheet HTML 72Page - Cirrus Logic CS49400 Datasheet HTML 73Page - Cirrus Logic CS49400 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
70
length is fixed to 8. We recommed SDRAM with a
CAS latency of 2 for optimal performance. The
refresh rate and the mode register of the SDRAM
must be set before Kickstart. Refer to Table 14,
“SDRAM Config Register,” on page 70 for details
on the SDRAM config register. The SDRAM is
initialized after Kickstart.
7.1 Configuring SRAM Timing Parameters
Since not all SRAM manufacturers conform to the
exact same timing specifications, it is necessary to
configure
the
DSP
to
match
the
timing
specifications of the particular SRAM that is used
in your design. This message must be sent before
Kickstarting the downloaded DSPC application
code.
SD_DATA15
SDRAM Data 15
46
SD_ADDR0
SDRAM Address 0
73
SD_ADDR1
SDRAM Address 1
74
SD_ADDR2
SDRAM Address 2
75
SD_ADDR3
SDRAM Address 3
76
SD_ADDR4
SDRAM Address 4
67
SD_ADDR5
SDRAM Address 5
66
SD_ADDR6
SDRAM Address 6
65
SD_ADDR7
SDRAM Address 7
63
SD_ADDR8
SDRAM Address 8
62
SD_ADDR9
SDRAM Address 9
60
SD_ADDR10
SDRAM Address
10
72
SD_DQM0
SDRAM Data
Mask Output0
39
SD_WE#
SDRAM Write
Enable
37
SD_CAS#
SDRAM Column
Address Strobe
78
SD_RAS#
SDRAM Row
Address Strobe
77
SD_CS#
SDRAM Chip
Select
68
SD_BA
SDRAM Bank
Select
71
SD_DQM1
SDRAM Data
45
SD_CLK_IN
SDRAM Clock
Input
61
SD_CLK_OUT
SDRAM Clock
Output
59
SD_CLK_EN
SDRAM Clock
Enable
64
Pin Name
Pin Description
144-Pin
Number
Table 12. SDRAM Interface Pins
Mnemonic
Hex
Message
SRAM_CONTROLLER_TIMING
0xaaa = 0www wwrr rrre (in binary)
w = SRAM_FLASH_WR_CYCLE vari-
able found in the SRAM Switching char-
acteristics table in Section 1.19.
r = SRAM_FLASH_RD_CYCLE variable
found in the SRAM Switching character-
istics table in Section 1.19.
e = SRAM Enable/Disable = 0/1.
Default, aaa = 0x000
0x8100000F
0x00000aaa
Table 13. SRAM Controller Timing
Mnemonic
Hex
Message
SDRAM_CONFIG
aaaa = Auto refresh setting.
Forexample fora 16
µS refresh period
and a DCLK of 86 Mhz the value pro-
grammed should be:
16X10-6 X 86X106 = 0x(1376) = 0x0560
bbb = Mode register setting. These bits
set the 12 least significant bits in the
mode register. The bits are to the follow-
ing by default:
bits(2..0) = 011 = Burst length 8.
bit3 = 0 = Sequential Burst Type.
bits(6..4) = 010 = CAS latency of 2.
bits(8..7) = 00 = Mode Register Set.
bit9 = 0 = Write Burst.
bit(12..10) = 000 = reserved
e = SDRAM Enable/Disable
=0001/0000.
Default, 0xaaaabbbe = 0x0560008c0
0x81000017
0xaaaabbbe
Table 14. SDRAM Config Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com