Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49400 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS49400
Description  Multi-Standard Audio Decoder Family
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49400 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS49400 Datasheet HTML 68Page - Cirrus Logic CS49400 Datasheet HTML 69Page - Cirrus Logic CS49400 Datasheet HTML 70Page - Cirrus Logic CS49400 Datasheet HTML 71Page - Cirrus Logic CS49400 Datasheet HTML 72Page - Cirrus Logic CS49400 Datasheet HTML 73Page - Cirrus Logic CS49400 Datasheet HTML 74Page - Cirrus Logic CS49400 Datasheet HTML 75Page - Cirrus Logic CS49400 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
72
STAR T
IN TR EQ LO W ?
MSG
==C _BO OT_START
IN TR EQ LO W ?
MSG ==
AB_ APP_START
AB_APPLICATIO N_R UN NIN G
R ESET(LO W )
RESET(H IG H)
WAIT ?? u S
WRITE-C_*
(C_M ASTER_SO U RC E_MO DE)
TIMEO UT
AFTER (10 m S)
TIM EO UT
AFTE R (500 m S)
RE AD-C_*(C_M ESSAG E)
R EAD-AB_*(A B_MESS AGE )
EX IT(ERR OR )
EXIT(E RRO R )
W R ITE -AB_*(AB_H W _C O NFIG_ MSG ,
MS G_ SIZE)
W RITE-AB_*(AB_SW _ CO NFIG _MSG ,
MS G_ SIZE)
W RITE-AB_*(KICKSTAR T,
MS G_ SIZE)
N
Y
N
Y
N
Y
N
Y
TIMEO UT
AFTER (10 mS )
N
Y
MSG ==
C_B OO T_SUC CES S
C _APPL ICATIO N_R UN NIN G
EXIT(ER RO R)
W R ITE-C_*(C_ HW _ CO NFIG _MSG ,
MS G_ SIZE)
W RITE-C _*(C_SW _CO N FIG _M SG,
MS G_ SIZE)
W RITE-C_*(KICKS TAR T,
MS G_ SIZE)
N
Y
R EAD-C_ *(C_ MESSAG E)
RELEAS E
CONTRO L O F B US
W RITE-C_*(C_SO FT_ RESET)
INTREQ LO W ?
MSG ==
C_ APP_START
TIMEO U T
AFTER (10 mS)
READ -C _*(C _ME SSAG E)
EXIT(ER RO R)
N
N
Y
Y
IN TR EQ LO W ?
MSG
==C _BO OT_START
INTREQ LO W ?
WRITE-C_*
(C_M ASTER_SO U RC E_MO DE)
TIMEO UT
AFTER (10 m S)
TIM EO UT
AFTE R (500 m S)
RE AD-C_*(C_M ESSAG E)
EX IT(ERR OR )
N
Y
N
Y
N
Y
MSG ==
C _BO OT_SU CC ESS
EXIT(ER RO R)
N
Y
R EAD-C_*(C_ MESSAG E)
RELEAS E
CONTRO L O F B US
FINTREQ LO W ?
HO UTRD Y HI?
Figure 52. Host Controlled Master Boot
(Downloading both a DSPAB Application Code and a DSPC Application Code)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com