| Electronic Components Datasheet Search |
|
CS5320 Datasheet(PDF) 27 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5320 Datasheet(HTML) 27 Page - Cirrus Logic |
|
27 / 38 page ![]() CS5320/21/22 DS454PP1 27 present. In normal operation the ACC1 error will only occur when the input data stream to FIR1 is all 1’s for more than 32 bits. The ACC2 error cannot occur in normal operation. The DRDY bit reflects the state of the DRDY pin. DRDY rising edge indicates that a new data word has been loaded into the data register and is avail- able for reading. DRDY will fall after the SCLK falling edge that reads the data register LSB. If no- data read attempt is made, DRDY will pulse low for 1/2 CLKIN cycle, providing a positive edge on the new data availability. In the OVERWRITE case, DRDY remains high because new data is not loaded at the normal end of conversion time. The 1SYNC status bit provides an indication of the filter group delay. It goes high on the second output sample after SYNC and is valid for only that sam- ple. For repetitive SYNC operations, SYNC must run at one fourth the output word rate or slower to avoid interfering with the 1SYNC operation. With these slower repetitive SYNC’s or non-periodic SYNC’s separated by at least three output words, 1SYNC will occur on the second output sample af- ter SYNC. ORCALD indicates that calibration of the offset register is complete and the offset sample is avail- able in the output register. This flag is high only during that sample and is otherwise low. The remaining five status bits (PWDN, ORCAL, USEOR, CSEL, Reserved, DECC, DECB, and DE- CA) provide configuration readback for the user. These bits echo the control source for the CS5322 such that in the hardware mode (H/S=1), they fol- low the corresponding input pins. In host mode (H/S=0) they follow the corresponding configura- tion bits. A brief explanation of the eight bits are as follows: PWDN - When high, indicates that the CS5322 is in the power-down state. ORCAL - When high, indicates a potential calibra- tion start. USEOR - When high, indicates the Offset Register is used. During calibration, this bit will read zero indi- cating the offset register is not being used during cal- ibration. CSEL- When high, TDATA is selected as the filter source. When low, the MDATA output signal from the CS5320/21 is selected as the input source to the filter. Reserved - Always read low. DECC, DECB, and DECA - Indicate the decimation rate of the filter and are defined in Table 4. DECC DECB DECA Output Word Rate (Hz) Clocks Filter Output 0 0 0 62.5 16384 0 0 1 125 8192 0 1 0 250 4096 0 1 1 500 2048 1 0 0 1000 1024 1 0 1 2000 512 1 1 0 4000 256 1 1 1 Reserved - Table 4. Bandwidth Selection: Truth Table |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |