Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5320 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5320
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5320 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5320 Datasheet HTML 29Page - Cirrus Logic CS5320 Datasheet HTML 30Page - Cirrus Logic CS5320 Datasheet HTML 31Page - Cirrus Logic CS5320 Datasheet HTML 32Page - Cirrus Logic CS5320 Datasheet HTML 33Page - Cirrus Logic CS5320 Datasheet HTML 34Page - Cirrus Logic CS5320 Datasheet HTML 35Page - Cirrus Logic CS5320 Datasheet HTML 36Page - Cirrus Logic CS5320 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
CS5320/21/22
DS454PP1
33
DECC - Decimation Rate Control, Pin 16
See Table 4.
H/S - Hardware/Software Mode Select, Pin 13
When high, the device pins control device operation; when low, the value entered by a prior
configuration write controls device operation.
CS - Chip Select, Pin 1
When high, all signal activity on the SID, R/W and SCLK pins is ignored. The DRDY and
ERROR signals indicate the status of the chip’s internal operation.
R/W - Read/Write, Pin 28
Used in conjunction with CS such that when both signals are low, the filter inputs data from the
SID pin on the falling edge of SCLK. If CS is low and R/W is high, the filter outputs data on
the SOD pin on the rising edge of SCLK. R/W low floats the SOD pin allowing SID and SOD
to be tied together, forming a bidirectional serial data bus.
SCLK - Serial Clock, Pin 26
Clock signal generated by host processor to either input data on the SID input pin, or output
data on the SOD output pin. For write, data must be valid on the SID pin on the falling edge of
SCLK. Data changes on the SOD pin on the rising edge of SCLK.
SID - Serial Data Input, Pin 25
Data bits are presented MSB first, LSB last. Data is latched on the falling edge of SCLK.
RSEL - Register Select, Pin 27
Selects conversion data when high, or status data when low.
USEOR - Use Offset Register, Pin 15
Use offset register value to correct output words when high. Output words will not be offset
corrected when low.
ORCAL - Offset Register Calibrate, Pin 19
Initiates an offset calibration cycle when SYNC goes high after ORCAL has been toggled from
low to high. The offset value is output on the 57th word following SYNC. Subsequent words
will have their offset correction controlled by USEOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com