Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5322 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5322
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5322 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5322 Datasheet HTML 20Page - Cirrus Logic CS5322 Datasheet HTML 21Page - Cirrus Logic CS5322 Datasheet HTML 22Page - Cirrus Logic CS5322 Datasheet HTML 23Page - Cirrus Logic CS5322 Datasheet HTML 24Page - Cirrus Logic CS5322 Datasheet HTML 25Page - Cirrus Logic CS5322 Datasheet HTML 26Page - Cirrus Logic CS5322 Datasheet HTML 27Page - Cirrus Logic CS5322 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
CS5320/21/22
24
DS454PP1
To avoid possible high current states while in the
power down state, the following conditions apply:
1) CLKIN must be active for at least 64 clock cy-
cles after PWDN entry.
2) CSEL and TDATA must not both be asserted
high.
2.13 SYNC Operation
The SYNC pin is used to start convolutions and
synchronize the CS5322 and CS5320/21 to an ex-
ternal sampling source or timing reference. The
SYNC event is recognized on the first CLKIN ris-
ing edge after the SYNC pin goes high. SYNC may
remain high indefinitely. Only the sequence of
SYNC rising followed by CLKIN rising generates
a SYNC event.
The SYNC event aligns the output sample and
causes the filter to begin convolutions. The first
SYNC event causes an immediate DRDY provided
DRDY is low. Subsequent data ready events will
occur at a rate determined by the decimation rate
inputs DECC, DECB, and DECA. Multiple SYNC
events can be applied with no effect on operation if
they are perfectly timed according to the decima-
tion rate. Any SYNC event not in step with the dec-
imation rate will cause a realignment and loss of
data.
2.14 Serial Read Operation
Serial read is used to obtain status or conversion
data. The CS, R/W, SCLK, RSEL, and SOD pins
control the read operation. The serial read opera-
tion is activated when CS goes low (CS=0) with the
R/W pin high (R/W=1). The RSEL pin selects be-
tween conversion data (data register) or status in-
formation (status register). The selected serial bit
stream is output on the SOD (Serial Output Data)
pin.
On read select, SCLK can either be high or low, the
first bit appears on the SOD pin and should be
latched on the falling edge of SCLK. After the first
SCLK falling edge, each SCLK rising edge shifts
out a new bit. Status reads are 16 bits, and data
reads are 24 bits. Both streams are supplied as MSB
first, LSB last.
In the event more SCLK pulses are supplied than
necessary to clock out the requested information,
trailing zeroes will be output for data reads and
trailing LSB’s for status reads. If the read operation
is terminated before all the bits are read, the inter-
nal bit pointer is reset to the MSB so that a re-read
will give the same data as the first read, with one
exception. The status error flags are cleared on read
and will not be available on a re-read.
The status error flags must be read before entering
the power-down state. If an error has occurred be-
fore entering powerdown and the status bit (ER-
ROR) has not been read, the status bits (ER-ROR,
OVERWRITE, MFLG, ACC1 and ACC2) may not
be cleared on status reads. Upon exiting the power-
down state and entering normal operation, the user
may be flagged that an error is still present.
The SOD pin floats when read operation is deacti-
vated (R/W=1, CS=1). This enables the SID and
SOD pins to be tied together to form a bi-direction-
al serial data bus. There is an internal nominal
100 k
Ω pull-up resistor on the SOD pin.
2.15 Serial Write Operation
Serial write is used to write data to the configura-
tion register. The CS, R/W, SCLK and SID pins
control the serial write operation. The serial write
operation is activated when CS goes low (CS=0)
with R/W pin low (R/W=0).
Serial input data on the SID pin is sampled on the
falling edge of SCLK. The input bits are stored in a
temporary buffer until either the write operation is
terminated or 8 bits have been received. The data is
then parallel loaded into the configuration register.
If fewer than 8 bits are input before the write termi-
nation, the other bits may be indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com