Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5322 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5322
Description  24-Bit Variable Bandwidth A/D Converter Chipset
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5322 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5322 Datasheet HTML 23Page - Cirrus Logic CS5322 Datasheet HTML 24Page - Cirrus Logic CS5322 Datasheet HTML 25Page - Cirrus Logic CS5322 Datasheet HTML 26Page - Cirrus Logic CS5322 Datasheet HTML 27Page - Cirrus Logic CS5322 Datasheet HTML 28Page - Cirrus Logic CS5322 Datasheet HTML 29Page - Cirrus Logic CS5322 Datasheet HTML 30Page - Cirrus Logic CS5322 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
CS5320/21/22
DS454PP1
27
present. In normal operation the ACC1 error will
only occur when the input data stream to FIR1 is all
1’s for more than 32 bits. The ACC2 error cannot
occur in normal operation.
The DRDY bit reflects the state of the DRDY pin.
DRDY rising edge indicates that a new data word
has been loaded into the data register and is avail-
able for reading. DRDY will fall after the SCLK
falling edge that reads the data register LSB. If no-
data read attempt is made, DRDY will pulse low
for 1/2 CLKIN cycle, providing a positive edge on
the new data availability. In the OVERWRITE
case, DRDY remains high because new data is not
loaded at the normal end of conversion time.
The 1SYNC status bit provides an indication of the
filter group delay. It goes high on the second output
sample after SYNC and is valid for only that sam-
ple. For repetitive SYNC operations, SYNC must
run at one fourth the output word rate or slower to
avoid interfering with the 1SYNC operation. With
these slower repetitive SYNC’s or non-periodic
SYNC’s separated by at least three output words,
1SYNC will occur on the second output sample af-
ter SYNC.
ORCALD indicates that calibration of the offset
register is complete and the offset sample is avail-
able in the output register. This flag is high only
during that sample and is otherwise low.
The remaining five status bits (PWDN, ORCAL,
USEOR, CSEL, Reserved, DECC, DECB, and DE-
CA) provide configuration readback for the user.
These bits echo the control source for the CS5322
such that in the hardware mode (H/S=1), they fol-
low the corresponding input pins. In host mode
(H/S=0) they follow the corresponding configura-
tion bits.
A brief explanation of the eight bits are as follows:
PWDN - When high, indicates that the CS5322 is in
the power-down state.
ORCAL - When high, indicates a potential calibra-
tion start.
USEOR - When high, indicates the Offset Register is
used. During calibration, this bit will read zero indi-
cating the offset register is not being used during cal-
ibration.
CSEL- When high, TDATA is selected as the filter
source. When low, the MDATA output signal from
the CS5320/21 is selected as the input source to the
filter.
Reserved - Always read low.
DECC, DECB, and DECA - Indicate the decimation
rate of the filter and are defined in Table 4.
DECC
DECB
DECA
Output Word Rate (Hz)
Clocks Filter Output
0
0
0
62.5
16384
0
0
1
125
8192
0
1
0
250
4096
0
1
1
500
2048
1
0
0
1000
1024
1
0
1
2000
512
1
1
0
4000
256
1
1
1
Reserved
-
Table 4. Bandwidth Selection: Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com