Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXCCL Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EXCCL
Description  Chip Bead Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXCCL Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EXCCL Datasheet HTML 1Page - Panasonic Semiconductor EXCCL Datasheet HTML 2Page - Panasonic Semiconductor EXCCL Datasheet HTML 3Page - Panasonic Semiconductor EXCCL Datasheet HTML 4Page - Panasonic Semiconductor EXCCL Datasheet HTML 5Page - Panasonic Semiconductor EXCCL Datasheet HTML 6Page - Panasonic Semiconductor EXCCL Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Chip Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Frequency(MHz)
Frequency(MHz)
EXCML16A270U (1608)
EXCML20A390U (2012)
EXCML32A680U (3216)
EXCML45A910H (4516)
140
120
100
80
60
40
20
0
140
120
100
80
60
40
20
0
Frequency(MHz)
Frequency(MHz)
140
120
100
80
60
40
20
0
140
160
180
120
100
80
60
40
20
0
140
120
100
80
60
40
20
0
1
10
100
Frequency(MHz)
EXCCL4532U1 (4532)
1000
10000
X
R
140
120
100
80
60
40
20
0
1
10
100
Frequency(MHz)
EXCCL3225U1 (3225)
1000
10000
X
R
140
120
100
80
60
40
20
0
1
10
100
Frequency(MHz)
EXCCL3216U1 (3216)
1000
10000
X
R
1
10
100
1000
10000
1
10
100
1000
10000
1
10
100
10000
1
10
100
1000
10000
X
R
X
R
X
R
X
R
1000
Z
Z
Z
Z
Z
Z
Z
■ Impedance Characteristics (Reference Data) Measured by HP4291A
∣Z∣ : Impedance
R : Resistance
X : Reactance
Nov. 2012
02
Discontinued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com