Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXCCL Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EXCCL
Description  Chip Bead Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXCCL Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EXCCL Datasheet HTML 1Page - Panasonic Semiconductor EXCCL Datasheet HTML 2Page - Panasonic Semiconductor EXCCL Datasheet HTML 3Page - Panasonic Semiconductor EXCCL Datasheet HTML 4Page - Panasonic Semiconductor EXCCL Datasheet HTML 5Page - Panasonic Semiconductor EXCCL Datasheet HTML 6Page - Panasonic Semiconductor EXCCL Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Chip Bead Cores
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Sprocket hole
Compartment
Chip component
Tape running direction
t2
P1
P2
P0
fD0
A
T
f C
f D
E
f A
W
■ Packaging Methods (Taping)
● Standard Quantity
Standard Reel Dimensions (mm)
Embossed Carrier Dimensions (mm)
● Taping Reel
● Embossed Carrier Taping
Part Number
Kind of Taping
Pitch (P
1)
Quantity
EXCCL4532U1
Embossed Carrier Taping
8 mm
1000 pcs./reel
EXCCL3225U1
4 mm
2000 pcs./reel
EXCCL3216U1
EXCML45A910H
3000 pcs./reel
EXCML32A680U
EXCML20A390U
4000 pcs./reel
EXCML16A270U
EXC3B
□□□□H
Part Number
A
B
W
F
P
1
P
2
P
0
0D
0
t
2
EXCCL4532U1
3.6±0.2
4.9±0.2
12.0±0.2
5.5±0.1
8.0±0.1
2.0±0.1
4.0±0.1
1.5±0.1
2.4 max.
EXCCL3225U1
2.9±0.2
3.6±0.2
8.0±0.2
3.5±0.1
4.0±0.1
2.1 max.
EXCCL3216U1
2.0±0.2
3.6±0.2
EXCML45A910H
1.9±0.2
4.8±0.2
12.0±0.2
5.5±0.1
1.8 max.
EXCML32A680U
1.9±0.2
3.5±0.2
8.0±0.2
3.5±0.1
1.6 max.
EXCML20A390U
1.5±0.2
2.3±0.2
EXCML16A270U
1.0±0.2
1.8±0.2
EXC3B
□□□□H
1.0±0.1
1.8±0.1
Part Number
0A
0B
0C
0DE
W
T
EXCCL4532U1
180.0
0
60.0±1.0
13.0±0.5
21.0±0.8
2.0±0.5
13.0±0.3
16.5 max.
EXCCL3225U1
09.0±0.3
13 max.
EXCCL3216U1
EXCML45A910H
13.0±0.3
16.5 max.
EXCML32A680U
09.0±0.3
13 max.
EXCML20A390U
EXCML16A270U
EXC3B
□□□□H
–3.0
Nov. 2012
02
Discontinued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com