Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7582 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC7582
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC7582 Datasheet HTML 1Page - Clare, Inc. CPC7582 Datasheet HTML 2Page - Clare, Inc. CPC7582 Datasheet HTML 3Page - Clare, Inc. CPC7582 Datasheet HTML 4Page - Clare, Inc. CPC7582 Datasheet HTML 5Page - Clare, Inc. CPC7582 Datasheet HTML 6Page - Clare, Inc. CPC7582 Datasheet HTML 7Page - Clare, Inc. CPC7582 Datasheet HTML 8Page - Clare, Inc. CPC7582 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CPC7582
www.clare.com
3
Rev. 1.0
Table 1. Break Switch, SW1 and SW2 (Continued)
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Logic Input to Switch Output Isolation:
+25˚C
Vsw (T
LINE, RLINE) = +/-320V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
+85˚C
Vsw (T
LINE, RLINE) = +/-330V
Isw
-
0.3
1
µA
Logic Inputs = Gnd
-40˚C
Vsw (T
LINE, RLINE) = +/-310V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
dv/dt Sensitivity1
-
-
-
200
-
V/
µs
1 Applied voltage is 100 Vp-p square wave at 100Hz.
Table 2. Ring Return Switch, SW3
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Off-state Leakage Current
+25˚C
Vsw (differential)= -320V to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +260V
+85˚C
Vsw (differential)= -330V to Gnd
Isw
-
0.3
1
µA
Vsw (differential)= -60V to +270V
-40˚C
Vsw (differential)= -310V to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +250V
dc Current Limit:
+25˚C
Vsw (on) = +/- 10V
Isw
-
135
-
mA
+85˚C
Vsw (on) = +/- 10V
Isw
-
85
-
mA
-40˚C
Vsw (on) = +/- 10V
Isw
-
210
-
mA
Dynamic Current Limit:
Break switches in ON state, Ringing
Isw
-
2.5
-
A
(t=<0.5ms)
access switches OFF, Apply +/- 1000V
at 10/1000ms pulse, Appropriate
secondary protection in place.
RDS
ON
+25˚C
Isw (on) = +/-0mA, +/-10mA
∆ V-
60
-
Ω
+85˚C
Isw (on) = +/-0mA, +/-10mA
∆ V
-
85
100
Ω
-40˚C
Isw (on) = +/-0mA, +/-10mA
∆ V-
45
-
Ω
Logic Input to Switch Output Isolation
+25˚C
Vsw (T
RING, TLINE) = +/-320V
Isw
-
0.1
1
µA
Logic Inputs = Gnd
+85˚C
Vsw (T
RING, TLINE) = +/-330V
Isw
-
0.3
1
µA
Logic Inputs = Gnd
-40˚C
Vsw (T
RING, TLINE) = +/-310V
Isw
-
0.1
1
µA
Logic Inputs = Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com